Electronic Components Datasheet Search
  English  ▼

X  

1024 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # 1024
Description  In-System Programmable High Density PLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1024 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button 1024 Datasheet HTML 4Page - Lattice Semiconductor 1024 Datasheet HTML 5Page - Lattice Semiconductor 1024 Datasheet HTML 6Page - Lattice Semiconductor 1024 Datasheet HTML 7Page - Lattice Semiconductor 1024 Datasheet HTML 8Page - Lattice Semiconductor 1024 Datasheet HTML 9Page - Lattice Semiconductor 1024 Datasheet HTML 10Page - Lattice Semiconductor 1024 Datasheet HTML 11Page - Lattice Semiconductor 1024 Datasheet HTML 12Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Specifications ispLSI 1024/883
9
Maximum GRP Delay vs GLB Loads
ispLSI 1024-60
1
2
3
4
8
12
16
GLB Loads
4
5
6
0
0126A-80-24-mil.eps
Power Consumption
Figure 3. Typical Device Power Consumption vs fmax
ICC can be estimated for the ispLSI 1024 using the following equation:
ICC = 42 + (# of PTs * 0.45) + (# of nets * Max. freq * 0.008) where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max. freq = Highest Clock Frequency to the device
The ICC estimate is based on typical conditions (VCC = 5.0V, room temperature) and an assumption of 2 GLB loads on
average exists. These values are for estimates only. Since the value of ICC is sensitive to operating conditions and the
program in the device, the actual ICC should be verified.
50
100
150
0
1020
3040
50
60
70
fmax (MHz)
80
200
Notes: Configuration of Six 16-bit Counters
Typical Current at 5V, 25˚C
ispLSI 1024
0127A-24-80-isp
Power consumption in the ispLSI 1024/883 device de-
pends on two primary factors: the speed at which the
device is operating, and the number of Product Terms
used. Figure 3 shows the relationship between power
and operating speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com