Electronic Components Datasheet Search
  English  ▼

X  

UM1542 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 3Page - STMicroelectronics UM1542 Datasheet HTML 4Page - STMicroelectronics UM1542 Datasheet HTML 5Page - STMicroelectronics UM1542 Datasheet HTML 6Page - STMicroelectronics UM1542 Datasheet HTML 7Page - STMicroelectronics UM1542 Datasheet HTML 8Page - STMicroelectronics UM1542 Datasheet HTML 9Page - STMicroelectronics UM1542 Datasheet HTML 10Page - STMicroelectronics UM1542 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
UM1542
Kit introduction
Doc ID 023172 Rev 1
7/43
These two parts consist of (see Appendix B for the schematic):
●
Control side:
–
Capacitive power supply, supplying only the control side of the board. The average
output current of the capacitor power supply is about 25 mA with the embedded
1 µF C29 capacitor (for a 230 V-50 Hz line RMS voltage)
–
STM8S003 microcontroller, low-cost MCU dedicated to thermostat control
–
AC switches: an ACST610-8FP, an ACS110-7SN and two ACS102-6TA, which
control a compressor, a defrost resistor, a light bulb and a fan, respectively
–
One red ON/OFF LED. This LED turns ON when the board is powered
–
Five green LEDs for temperature set point visualization
–
Two push buttons to increase/decrease the temperature set point: Temp+ and
Temp-
–
A buzzer to warn the user if the appliance door has been open for long time
–
Connectors for the NTC and door switch
–
One switch to simulate the door switch
●
Interface side:
–
STM32F103 microcontroller to implement USB interface
–
Opto-insulators to implement safety insulation between the board and the
computer to allow communication with the GUI when the board is plugged into the
line voltage
–
DC/DC converter to supply the opto-couplers from the USB supply
–
Switches for standalone/PC-driven configuration (see Section 3.5.1)
–
Mini-USB connector
The control side is independent from the interface side, i.e. control is ensured by powering
on the control side only (in this case no GUI interfacing is allowed, of course).
Warning:
Safety insulation is implemented between the board and the
computer to allow GUI communication when the board is
plugged into the line voltage, but the control side of the board
is not electrically isolated from the AC input. The STM8
microcontroller is directly linked to the mains voltage. There
is no insulation between the accessible parts and the high
voltage. The STEVAL-IHT001V2 kit must be used with care
and only by persons qualified for working with electricity at
mains voltage levels. Any measurement equipment must be
isolated from the mains before powering the board. To use an
oscilloscope with the kit, it is safer to isolate it from the AC
line. This prevents a shock from occurring as a result of
touching any single point in the circuit, but does not prevent
shocks when touching two or more points in the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com