Electronic Components Datasheet Search
  English  ▼

X  

UM1542 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 10Page - STMicroelectronics UM1542 Datasheet HTML 11Page - STMicroelectronics UM1542 Datasheet HTML 12Page - STMicroelectronics UM1542 Datasheet HTML 13Page - STMicroelectronics UM1542 Datasheet HTML 14Page - STMicroelectronics UM1542 Datasheet HTML 15Page - STMicroelectronics UM1542 Datasheet HTML 16Page - STMicroelectronics UM1542 Datasheet HTML 17Page - STMicroelectronics UM1542 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Using the STEVAL-IHT001V2 thermostat kit
UM1542
14/43
Doc ID 023172 Rev 1
3
Using the STEVAL-IHT001V2 thermostat kit
3.1
Thermostat versions
The target market of the STEVAL-IHT001V2 kit is represented by low-end to high-end cold
appliances, thus addressing a wide range of the COLD market. In particular, the MCU
firmware is configurable to work in:
●
Basic version: compressor and light bulb control
●
Defrost version: compressor, light bulb and defrost resistor control
●
Air circulation version (default): compressor, light bulb, defrost resistor and fan control
When the target thermostat is selected using the GUI, the gates associated with non-
operating loads are no longer controlled, and remain uncontrolled even if the GUI is
disconnected. To allow again fan or defrost heater control, the user has to re-program the
STM8 MCU using the GUI.
3.2
Loads power
There is no heatsink mounted on the package of ACST610-8FP devices. In this case, the
maximum permanent allowed current is 1.5 A RMS, for an ambient temperature lower than
40 °C (which is usually the highest operating temperature as the thermostat is either inside
the fridge or outside on top, so at room temperature). If the ACST610-8FP must sink a
higher current, or works at a higher temperature, a heatsink can be added. If its case
temperature is kept below 92 °C, these devices can control a 6 A RMS current (as shown in
Fig. 3 of the ACST6 datasheet). Refer to AN533 for further information on thermal
management.
Refer also to AN1354 for more information on single-phase compressor control.
The ACS102-6T, in the TO-92 package, can withstand a 0.2 A RMS permanent current up to
an ambient temperature of 100 °C. The ACS102-6T can drive the common light bulbs or fan
found in the fridge or freezer without any problem. Indeed, a 25 W bulb always sinks a
current lower than 150 mA and ACS102-6T can drive a maximum power fan of 40 W.
The ACS110 can drive a maximum 160 W defrost resistor for an ambient temperature lower
than 40 °C. Indeed, the ACS110 cooling PCB pad of the thermostat kit demonstration board
is cut down to the SOT223 tab size. As shown in fig. 2-2 of the ACS110-7SN datasheet, it
can withstand a 1 A RMS permanent current up to an ambient temperature of 60 °C (with a
copper surface of 5 cm² under the SOT223 tab) and can then drive a 200 W defrost resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com