Electronic Components Datasheet Search
  English  ▼

X  

UM1542 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 35Page - STMicroelectronics UM1542 Datasheet HTML 36Page - STMicroelectronics UM1542 Datasheet HTML 37Page - STMicroelectronics UM1542 Datasheet HTML 38Page - STMicroelectronics UM1542 Datasheet HTML 39Page - STMicroelectronics UM1542 Datasheet HTML 40Page - STMicroelectronics UM1542 Datasheet HTML 41Page - STMicroelectronics UM1542 Datasheet HTML 42Page - STMicroelectronics UM1542 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
PC interface parameters description
UM1542
40/43
Doc ID 023172 Rev 1
Appendix G
PC interface parameters description
Output in the table below is defined as the information sent by the STM8S MCU to the
STM32, and input is the contrary.
Table 8.
PC interface parameters
Parameter
Software type
Unit
Factory
setting
Allowable
range
Setting step
Temperature hysteresis
Input/output
°C
4
0.5 to 20
0.1
Evaporator temperature
Output
°C
N/A
-40 to +40
Evaporator temperature order 1
Input/output
°C
-5
-40 to 10
0.5
Evaporator temperature order 2
Input/output
°C
-12
-40 to 10
0.5
Evaporator temperature order 3
Input/output
°C
-20
-40 to 10
0.5
Evaporator temperature order 4
Input/output
°C
-28
-40 to 10
0.5
Evaporator temperature order 5
Input/output
°C
-36
-40 to 10
0.5
Compressor phase shift
Input/output
ms
0.5
0.1 to 5
0.1
Gate current pulse width
for compressor control
Input/output
ms
3
0.1 to 4
0.1
Gate current pulse width
for bulb control
Input/output
ms
5
0.1 to 5
0.1
Gate current pulse width
for defrost resistor control
Input/output
ms
1
0.1 to 3
0.1
Gate current pulse width for fan
Input/output
ms
2
0.1 to 3
0.1
Fan phase shift
Input/output
ms
0.5
0.1 to 5
0.1
Defrost activation delay
Input/output
Hours and
minutes
8
1 to 99
10’
Defrost duration
Input/output
Minutes and
seconds
20
1 to 60
10’
ZVS delay
Input/output
µs
50
5 to 255
5
Line frequency
Output
Hz
N/A
50 / 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com