Electronic Components Datasheet Search
  English  ▼

X  

UM1542 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 21Page - STMicroelectronics UM1542 Datasheet HTML 22Page - STMicroelectronics UM1542 Datasheet HTML 23Page - STMicroelectronics UM1542 Datasheet HTML 24Page - STMicroelectronics UM1542 Datasheet HTML 25Page - STMicroelectronics UM1542 Datasheet HTML 26Page - STMicroelectronics UM1542 Datasheet HTML 27Page - STMicroelectronics UM1542 Datasheet HTML 28Page - STMicroelectronics UM1542 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
UM1542
Thermal sensor linearization
Doc ID 023172 Rev 1
25/43
Appendix A
Thermal sensor linearization
An NTC thermistor is a resistor whose value decreases when its temperature increases.
The thermal law is exponential, as shown in Equation 3:
Equation 3
To create a simple voltage sensor, it is better to linearize the temperature response using a
constant resistor (R49 in schematic, Appendix B) added in series with the NTC. A voltage
divider is then implemented. The voltage across R49 follows the supply voltage (Vdd)
according to the relationship below:
Equation 4
To make the relationship of Equation 4 vary linearly, it's sufficient to ensure that the second
order derivative is zero. Equation 5 gives the R49 value to ensure this condition.
Equation 5
To linearize the voltage response of the M2020 5 k from EPCOS, between -20 and +5 °C, a
30 k
Ω resistor should be chosen for R49.
In this temperature range, VS varies according to Equation 6, for a 5 V supply:
Equation 6
Figure 10 gives the variation of VS and the linear value given by Equation 6, versus the
temperature sensed by the NTC.
)
1
1
(
0
0
)
(
T
T
B
NTC
R
T
R
−
=
 
dd
NTC
NTC
S
V
R
T
R
T
R
V
⋅
+
=
49
)
(
)
(
 
)
(
)
(
)
(
2
2
2
2
49
T
R
T
R
dT
d
T
R
dT
d
R
NTC
NTC
NTC
−
⎟
⎠
⎞
⎜
⎝
⎛
⋅
=
V
l T
()
T
51.84
+
16.1943
-------------------------
≡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com