Electronic Components Datasheet Search
  English  ▼

X  

UM1542 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 29Page - STMicroelectronics UM1542 Datasheet HTML 30Page - STMicroelectronics UM1542 Datasheet HTML 31Page - STMicroelectronics UM1542 Datasheet HTML 32Page - STMicroelectronics UM1542 Datasheet HTML 33Page - STMicroelectronics UM1542 Datasheet HTML 34Page - STMicroelectronics UM1542 Datasheet HTML 35Page - STMicroelectronics UM1542 Datasheet HTML 36Page - STMicroelectronics UM1542 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
UM1542
Bill of materials
Doc ID 023172 Rev 1
33/43
C39
Capacitor 10 nF 400 VCC/220 VCA 10%
C40
Capacitor 10 nF 400 VCC/220 VCA 10%
C41
Capacitor 10 nF 400 VCC/220 VCA 10%
D1
LED
D2
Zener 5 V 6 0.5 W
D3
Rectifier 1N4148
D4
GREEN_LEDs
D5
GREEN_LEDs
D6
RED_LED
D7
GREEN_LEDs
D8
GREEN_LEDs
D9
GREEN_LEDs
D10
Rectifier 1N4148
D11,D12
Additional LEDs
Do not fit
F1
FUSE
Fuse 8.5 x 8.5 mm 6.3 A 250 V
N/A
FUSEHOLDER
J1
TES 1-0511
DC-DC converter
J2
SWIM_Connector
4w single row vert male smt connector
J3
SWD Connector
10w dual body, SMT micro terminal strip
J4, J5, J8, J18
CON3
Stripline male 3ways
J14
CON3
Terminal Block, nb contacts 3
J10, J11, J12, J13
Connector CON2
Terminal Block, nb contacts 2
J15 J16
Connector CON2
Terminal Block, nb contacts 2
PZ1
Buzzer
BUZZER 4.0 kHz 1-20 V 80DB
Q1
ACST6
Motor switch
Q2
ACST110
Defrost resistor switch
Q3
ACS102-6TA
Fan / light bulb switch
Q4
ACS102-6TA
Fan / light bulb switch
R1
330
Ω
R2
1 M
Ω
R3
1 M
Ω
R4
10 k
Ω
R5
10 k
Ω
R6
0
R7
10 k
Ω
Table 6.
BOM (continued)
Name
Designation
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com