Electronic Components Datasheet Search
  English  ▼

X  

UM1542 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 6Page - STMicroelectronics UM1542 Datasheet HTML 7Page - STMicroelectronics UM1542 Datasheet HTML 8Page - STMicroelectronics UM1542 Datasheet HTML 9Page - STMicroelectronics UM1542 Datasheet HTML 10Page - STMicroelectronics UM1542 Datasheet HTML 11Page - STMicroelectronics UM1542 Datasheet HTML 12Page - STMicroelectronics UM1542 Datasheet HTML 13Page - STMicroelectronics UM1542 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Functional description
UM1542
10/43
Doc ID 023172 Rev 1
2.2.2
Compressor control
The ACST610-8FP device (referred to as Q1 in Appendix B) is used to turn on and off the
compressor according to the evaporator temperature, sensed through the NTC resistor.
Enough room around this AC switch has been left available to add a heatsink if needed.
2.2.3
Light bulb and buzzer control
The slider SW2 on the thermostat board has been placed on the board in order to simulate
the fridge/freezer door. A light bulb is switched on or off according to the position of the door
switch, open or closed respectively. The embedded switch may be replaced by an external
switch using connector J15, in which case switch SW2 must be set in the “Open” position.
If the fridge door or the door switch remains in the open position more than one minute, the
buzzer PZ1 sounds and the LEDs D4, D5, D7, D8, D9 flashes. The buzzer can be stopped
by pressing the Temp+ or Temp- button once (the LEDs keeps on flashing while the door is
in the open position). In the PC GUI driven mode the buzzer can be stopped with the GUI
software (refer to the “Help” menu of the GUI). When the door is open, the temperature
order can only be changed using the GUI software.
The light bulb is driven by the ACS102-6TA, Q4 on the thermostat board (Appendix B).
It should be noted that an R23 resistor has been added in series with Q4. Indeed, as the
lamp lifetime ends, the filament breaks. The overall filament can be short-circuited by the
flashover, and the load current is no longer limited. This current can exceed the i²t capability
of the ACS and destroy it (cf. AN1172). To avoid destroying the ACS102 at each lamp
flashover, a power resistor is added in series with the light. This resistor is rated in order to
limit the ACS current to its ITSM value (10 A for a 10 ms half sinus conduction). In this case,
a 33
Ω 1/2 W resistor is sufficient.
These resistor pads could be also used to put an inductor to limit the dI/dt if a CFL/LED lamp
is used in dimming mode.
2.2.4
Defrost resistor and fan control
Defrost resistor is controlled only when the thermostat is set to “Defrost” or to “air
circulation” versions; while the fan is controlled only in the “air circulation” version.
The defrost resistor is driven by the ACS110-7SB2, Q2 on the thermostat board (see
Appendix B).
This device is turned on following the “Defrost activation delay” parameter time defined in
the GUI software. This time is compared to the sum of the compressor ACST ON times.
When this sum is higher than the “Defrost activation delay”, defrost resistor ACST is enabled
and then switched on as soon as the evaporator temperature is higher than THIGH_lim
(Figure 4). It remains on during the “Defrost duration” time defined in the GUI software.
The conduction starts just before the conduction cycle of the compressor in order to reduce
power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com