Electronic Components Datasheet Search
  English  ▼

X  

UM1542 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 5Page - STMicroelectronics UM1542 Datasheet HTML 6Page - STMicroelectronics UM1542 Datasheet HTML 7Page - STMicroelectronics UM1542 Datasheet HTML 8Page - STMicroelectronics UM1542 Datasheet HTML 9Page - STMicroelectronics UM1542 Datasheet HTML 10Page - STMicroelectronics UM1542 Datasheet HTML 11Page - STMicroelectronics UM1542 Datasheet HTML 12Page - STMicroelectronics UM1542 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
UM1542
Functional description
Doc ID 023172 Rev 1
9/43
Figure 3.
Hysteresis law
Five temperature set points have been implemented:
1.
Very low
2.
Low
3.
Medium
4.
High
5.
Very high
For each temperature set point an evaporator temperature, a hysteresis, thus an upper limit
and a lower limit are defined. THIGH_lim and TLOW_lim are respectively the upper and the
lower limits of the hysteresis and are defined as:
Equation 1
Equation 2
The compressor is switched on if the sensed temperature is above THIGH_lim, and switched
off when this temperature becomes lower than TLOW_lim. When the door is open
(Section 2.2.3), temperature control is not allowed, i.e. any action on TEMP+ and TEMP-
has no effect. The temperature set point, or temperature order, can be set at one of the five
levels by means of the two push buttons PB1 and PB2 (temperature setting push buttons) in
standalone mode (see Figure 2) or by means of the GUI in PC-driven mode (Section 3.6),
while the hysteresis value can only be changed using the GUI.
Five LEDs - D4, D5, D6, D8, D9 (temperature setting LEDs) (Figure 2) in standalone mode,
or VL, L, M, H, VH in PC GUI driven mode (Figure 7) - turn on according to the temperature
set point.
 
2
lim
_
Hysteresis
e
Temperatur
Evaporator
T
HIGH
+
=
 
2
lim
_
Hysteresis
e
Temperatur
Evaporator
T
LOW
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com