Electronic Components Datasheet Search
  English  ▼

X  

UM1695 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 13Page - STMicroelectronics UM1695 Datasheet HTML 14Page - STMicroelectronics UM1695 Datasheet HTML 15Page - STMicroelectronics UM1695 Datasheet HTML 16Page - STMicroelectronics UM1695 Datasheet HTML 17Page - STMicroelectronics UM1695 Datasheet HTML 18Page - STMicroelectronics UM1695 Datasheet HTML 19Page - STMicroelectronics UM1695 Datasheet HTML 20Page - STMicroelectronics UM1695 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
DocID025531 Rev 5
17/46
UM1695
Command reference
46
Example:
AT+S.SOCKON=myserver,1234,t<cr>
ID: 00<cr><lf>
<cr><lf> OK<cr><lf>
AT+S.SOCKON=myserver,456,u,ind<cr>
ID: 01<cr><lf>
<cr><lf> OK<cr><lf>
2.14
AT+S. SOCKW: write len bytes of data to socket
AT+S. SOCKW allows to write data to socket. This command accepts data after the <cr> at
the end of the command line. The host is expected to supply <len> characters of data after
the end of the command line.
Note:
When the ok token has not been received is really important to handle properly the error
stage. In fact, the "at+sockw" command is not reentrant. If bytes are lost during data transfer
over the UART, the module remains in waiting stage for incoming bytes.
Arguments:
<ID>: socket identifier
<len>: data length to send (in bytes), up to 4096 bytes
Example:
AT+S.SOCKW=00,11<cr>
Test_socket
<cr><lf> OK<cr><lf>
2.15
AT+S.SOCKQ: query pending data
AT+S.SOCKQ returns the number of bytes of data waiting on socket.
Arguments:
<ID>: socket identifier
Example:
AT+S.SOCKQ=01<cr>
<cr><lf>
DATALEN: 12
<cr><lf> OK<cr><lf>
2.16
AT+S. SOCKR: return len bytes of data from socket
AT+S. SOCKR allows to read data from socket.
Arguments:
<ID>: socket identifier
<len>: data length to read
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com