Electronic Components Datasheet Search
  English  ▼

X  

UM1695 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 15Page - STMicroelectronics UM1695 Datasheet HTML 16Page - STMicroelectronics UM1695 Datasheet HTML 17Page - STMicroelectronics UM1695 Datasheet HTML 18Page - STMicroelectronics UM1695 Datasheet HTML 19Page - STMicroelectronics UM1695 Datasheet HTML 20Page - STMicroelectronics UM1695 Datasheet HTML 21Page - STMicroelectronics UM1695 Datasheet HTML 22Page - STMicroelectronics UM1695 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
DocID025531 Rev 5
19/46
UM1695
Command reference
46
2.21
AT+S.SETTIME: initiate module reference time
The SETTIME command allows to set the reference time used for secure socket
connections. The module reference time must be initialized after each module reset. The
time refers to UTC format and must be expressed as the time in seconds since 1970-Jan-
01.
Note:
Refer to the SSL/TLS Application Note for details
Arguments:
<time_in_sec>: set the reference time in seconds
2.22
AT+S.SOCKD: enable/disable the socket server
The SOCKD command enables the socket server listening on incoming connection on the
"xxx"port. When the port argument is equal to zero, the command is used to turn off the
socket server.
Arguments:
<port>: server listening port (from 1 to 65634, 0 to disable the socket
server)
<protocol> t for TCP, u for UDP protocol. Default is TCP.
Example:
-
Listening on port 32000 using TCP.
AT+S.SOCKD=32000<CR>
<CR><LF>
OK<CR><LF>
-
Listening on port 32000 using UDP
AT+S.SOCKD=32000,u<CR>
<CR><LF>
OK<CR><LF>
-
Turn off the socket server
AT+S.SOCKD=0<CR>
<CR><LF>
OK<CR><LF>
2.23
AT+S.: command mode to data mode
The AT+S. command allows switching from command mode to data mode.
Arguments:
<none>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com