Electronic Components Datasheet Search
  English  ▼

X  

UM1695 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 14Page - STMicroelectronics UM1695 Datasheet HTML 15Page - STMicroelectronics UM1695 Datasheet HTML 16Page - STMicroelectronics UM1695 Datasheet HTML 17Page - STMicroelectronics UM1695 Datasheet HTML 18Page - STMicroelectronics UM1695 Datasheet HTML 19Page - STMicroelectronics UM1695 Datasheet HTML 20Page - STMicroelectronics UM1695 Datasheet HTML 21Page - STMicroelectronics UM1695 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Command reference
UM1695
18/46
DocID025531 Rev 5
AT+S.SOCKR=01,12<cr>
Test_socket1
<cr><lf> OK<cr><lf>
2.17
AT+S.SOCKC: close socket
The SOCKC command allows to close socket.
Note:
Both for TCP and UDP sockets, flushing pending data (using the AT+S.READ command) is
mandatory before closing the socket connection (AT+S.SOCKC). If the buffer is not erased,
the “ERROR: Pending data” is raised.
Arguments:
<ID>: socket identifier
Example:
AT+S.SOCKC=00<cr>
<cr><lf> OK<cr><lf>
2.18
AT+S.TLSCERT: configure SSL/TLS certificates
AT+S.TLSCERT allows to store the certificates in the Flash memory of the module.
Note:
Refer to the SSL/TLS Application Note for details
Arguments:
<f_ca|f_cert|f_key>: store the CA certificate, the client certificate or
the key file (PEM format)
<length>: size of the certificate
2.19
AT+S.TLSCERT2: Cleanup SSL/TLS certificate resources
AT+S.TLSCERT2 allows to clean the certificates in the flash memory of the module.
Note:
Refer to the SSL/TLS Application Note for details
Arguments:
<f_ca|f_cert|f_key|f_domain|all>: clean the CA certificate, the client
certificate, the key file, the server domain or all
2.20
AT+S.TLSDOMAIN: set CA domain name. It must match the
secured site name
The TLSDOMAIN command allows to store the Certification Authority domain name in the
Flash memory of the module.
Note:
Refer to the SSL/TLS Application Note for details
Arguments:
<f_domain>: store the CA domain in the flash memory
<ca domain name>: domain name of the Certification Authority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com