| Electronic Components Datasheet Search |
|
UM1695 Datasheet(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1695 Datasheet(HTML) 43 Page - STMicroelectronics |
|
43 / 46 page ![]() DocID025531 Rev 5 43/46 UM1695 Asynchronous indication reference 46 +WIND:50:WPA Supplicant failed to initialize. WPA supplicant thread initialization failed +WIND:51:WPA Handshake Complete WPA 4-way handshake successful +WIND:52:GPIO%d %d GPIO line changed state (%d=GPIO changed, %d=GPIO logic state +WIND:53:Wakeup (GPIO6 High) Device woken up from sleep from external signal +WIND:54:ETF %04d Factory Debug +WIND:55:Pending Data:%d:%d Pending data from the socket, %d =socket identifier:%d=pending byte available for reading +WIND:56:Insert message to client:%d Input_demo indicator, displayed when the “input_demo.shtml” page is requested by a client, %d is the Nth input SSI into html page +WIND:57:<data> Firstset indicator, displayed during the remote configuration of the module +WIND:58:Socket Closed:%d" Socket closed, %d = identifier of the socket +WIND:59:Back to Command Mode Command mode is active (after the escape sequence) +WIND:60:Now in Data Mode Data mode is active +WIND:61:Incoming Socket Client:%i Socket client is connected to the module, %i = client IP address +WIND:62:Socket Client Gone:%i Socket client disconnected, %i = client IP address +WIND:63:Sockd Dropping Data:%d:%d Data dropped due to low memory, %d=bytes dropped, %d=free heap +WIND:64:Sockd Pending Data:%c:%d:%e Data pending while module is in command mode, %c = number of message received, %d = bytes received in the last message, %e = tot bytes received +WIND:65:HW Factory Reset (GPIO0 High) Factory variables are restored via GPIO0 +WIND:66:Low Power mode enabled:%d Power Save Mode enabled, %d = 1 for PS or 2 for Fast- PS +WIND:67:Going into Standby:%d Standby mode enabled, %d is time in sec +WIND:68:Resuming from Standby Standby mode disabled +WIND:69:Going into DeepSleep Sleep mode enabled +WIND:70:Resuming from DeepSleep Sleep mode disabled +WIND:71:DNS reply for %d DNS reply from MiniAP to the client, %d = client IP address +WIND:72:Station %m Disassociated: %d" Client dissociated to the module in Mini AP, %m=BSSID, %d=reason code (802.11 Deauthentication Reason Code) +WIND:73:System Configuration Updated (Run AT&W to Save it) The configuration variables have been updated, it needs an AT&W to save it (this WIND is usually shown when an old FW version is updated) Table 8. Asynchronous indication messages (continued) Indication Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |