Electronic Components Datasheet Search
  English  ▼

X  

UM1695 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 16Page - STMicroelectronics UM1695 Datasheet HTML 17Page - STMicroelectronics UM1695 Datasheet HTML 18Page - STMicroelectronics UM1695 Datasheet HTML 19Page - STMicroelectronics UM1695 Datasheet HTML 20Page - STMicroelectronics UM1695 Datasheet HTML 21Page - STMicroelectronics UM1695 Datasheet HTML 22Page - STMicroelectronics UM1695 Datasheet HTML 23Page - STMicroelectronics UM1695 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Command reference
UM1695
20/46
DocID025531 Rev 5
Note:
The switch from data mode to command mode switch can be done by using the “at+s.”
escape sequence. This sequence can be customized by using the escape_seq
configuration variable. The sequence is case-sensitive and it must be sent in a single
complete packet with no CR or LF in the sequence.
Example:
+WIND:59:Back to Command Mode<CR><LF>
AT+S.<CR>
<CR><LF>
+WIND:60:Now in Data Mode<CR><LF>
2.24
AT+S.HTTPGET: issue an HTTP GET
AT+S.HTTPGET performs a single HTTP GET request to the named host and path. The
GET request and server response are printed on the module’s console. Any url-encoding
required for special characters in the <path&queryopts> argument must be performed by
the host prior to command submission.
Note:
NOTE: the <cr><lf> pairs in the example responses below are part of the data sent from the
server and not inserted by the module.
Arguments:
Example:
AT+S.HTTPGET=host.example.com,/index.html<cr>
GET /index.html HTTP/1.0
User-Agent: SPWF01S
Host: 192.168.0.103
Connection: close
HTTP/1.0 200 OK
Server: lwIP/1.3.1 (http://savannah.nongnu.org/projects/lwip)
Content-type: text/html
<html>
<head><title>SPWF01Sx.11</title></head>
<body bgcolor="white" text="black">
<h1>ST SPWF01Sx.11 WiFi Module</h1>
<p>
Welcome to the ST SPWF01Sx.11 WiFi Module.
</p>
<hostname>
Target host. DNS resolvable name or IP address.
<path&queryopts>
document path and optional query arguments
<port>
Target host port. Optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com