Electronic Components Datasheet Search
  English  ▼

X  

UM1695 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 20Page - STMicroelectronics UM1695 Datasheet HTML 21Page - STMicroelectronics UM1695 Datasheet HTML 22Page - STMicroelectronics UM1695 Datasheet HTML 23Page - STMicroelectronics UM1695 Datasheet HTML 24Page - STMicroelectronics UM1695 Datasheet HTML 25Page - STMicroelectronics UM1695 Datasheet HTML 26Page - STMicroelectronics UM1695 Datasheet HTML 27Page - STMicroelectronics UM1695 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Command reference
UM1695
24/46
DocID025531 Rev 5
I 2898 /remote.html
OK
2.30
AT+S.FSP: Print the contents of an existing file
AT+S.FSP prints the contents of an existing file.
Arguments:
Example:
AT+S.FSP=/t2.json<cr>
HTTP/1.0 200 OK<cr><lf>
Server: MyProduct<cr><lf>
Connection: close<cr><lf>
Content-Type: application/json<cr><lf>
<cr><lf>
<cr><lf>
{<cr><lf>
"device" {<cr><lf>
"name" : "SPWF01SX.11",<cr><lf>
"serial" : "802.11n"<cr><lf>
}<cr><lf>
}<cr><lf>
<cr><lf>OK<cr><lf>
2.31
AT+S.WiFi: enable/disable Wi-Fi device
AT+S.WIFI allows the radio to be enabled or disabled at runtime. Please note that the
configuration variable wifi_mode controls the state of the radio at powerup.
Arguments:
0 or 1, for disabled or enabled, respectively.
Example:
AT+S.WIFI=0<cr>
<cr><lf>OK<cr><lf>
2.32
AT+S.ROAM: trigger Wi-Fi reassociation sequence
AT+S.ROAM tells the module to disassociate from its current access point and to re-acquire
the network. This is particularly useful if the network settings have been changed and a
<fname>
Filename
<offset>
Offset from where the file is printed.Optional.
<len>
Lenght in bytes. Mandatory if Offset is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com