Electronic Components Datasheet Search
  English  ▼

X  

UM1695 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 29Page - STMicroelectronics UM1695 Datasheet HTML 30Page - STMicroelectronics UM1695 Datasheet HTML 31Page - STMicroelectronics UM1695 Datasheet HTML 32Page - STMicroelectronics UM1695 Datasheet HTML 33Page - STMicroelectronics UM1695 Datasheet HTML 34Page - STMicroelectronics UM1695 Datasheet HTML 35Page - STMicroelectronics UM1695 Datasheet HTML 36Page - STMicroelectronics UM1695 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DocID025531 Rev 5
33/46
UM1695
Configuration variable reference
46
wifi_beacon_wakeup
1
INT
Set the wakeup interval of
the WLAN device, from 1
to 255 if wifi_listen_interval
= 0; from 1 to 65535 if
wifi_listen_interval = 1
wifi_beacon_interval
100
INT
Beaconing interval in
MiniAP mode, from 0 to
2^16-1
wifi_listen_interval
0
INT
Define the wakeup mode
(0 = sleep up to the
beacon_wakeup specified,
1 = sleep at least to the
beacon_wakeup specified)
wifi_rts_threshold
3000
INT
Frame size over which
RTS/CTS is used. Limit:
from 0 to 3000
wifi_ssid
50:72:6F:64:75:
63:74:69:6F:6E:
31:00:00:00:00:
00:00:00:00:00:
00:00:00:00:00:
00:00:00:00:00:
00:00
HEX[32]
Desired SSID specified in
hex. All 32 octets should
be written. Note that
wifi_ssid_len must also be
set.
wifi_ssid_len
11
INT
Length of the actual SSID
in the 32 byte buffer
wifi_txfail_thresh
5
INT
Maximum number of lost
packets before
disassociation
wifi_ht_mode
0
INT
Reserved
wifi_channelnum
6
INT
Channel number to use for
MiniAP operation. The
user must properly set the
channel number to not
violate IEEE 802.11 Wi-
Fi/WLAN standards.
Table 5. Configuration data variables (continued)
Variable
Sample value
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com