Electronic Components Datasheet Search
  English  ▼

X  

UM1865 Datasheet(PDF) 55 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 51Page - STMicroelectronics UM1865 Datasheet HTML 52Page - STMicroelectronics UM1865 Datasheet HTML 53Page - STMicroelectronics UM1865 Datasheet HTML 54Page - STMicroelectronics UM1865 Datasheet HTML 55Page - STMicroelectronics UM1865 Datasheet HTML 56Page - STMicroelectronics UM1865 Datasheet HTML 57Page - STMicroelectronics UM1865 Datasheet HTML 58Page - STMicroelectronics UM1865 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 132 page
background image
DocID027514 Rev 1
55/132
UM1865
Vendor specific commands
132
4.3.30
Aci_Gap_Create_Connection
Description:
Start the direct connection establishment procedure. A LE_Create_Connection call will be
made to the controller by GAP with the initiator filter policy set to “ignore whitelist and
process connectable advertising packets only for the specified device”. The procedure can
be terminated explicitly by the upper layer by issuing the command
Aci_Gap_Terminate_Gap_Procedure. When a command is issued to terminate the
procedure by upper layer, a LE_Create_Connection_Cancel call will be made to the
controller by GAP.
Table 95. Aci_Gap_Create_Connection
Command name
Parameters
Return
Aci_Gap_Create_Connection (0xFC9C)
Scan_Interval
Scan_Window
Peer_Address_Type
Peer_Address
Own_Address_Type
Conn_Interval_Min
Conn_Interval_Max
Conn_Latency
Supervision_Timeout
Conn_Len_Min
Conn_Len_Max
Status
Table 96. Aci_Gap_Create_Connection command parameters
Parameter
Size
Description
Scan_Interval
2 bytes
Time interval from when the controller started its last LE scan
until it begins the subsequent LE scan. The scan interval should
be a number in the range 0x0004 to 0x4000. This corresponds to
a time range 2.5 msec to 10240 msec. For a number N, Time = N
* 0.625 msec.
Scan_Window
2 bytes
Amount of time for the duration of the LE scan. Scan_Window
shall be less than or equal to Scan_Interval. The scan window
should be a number in the range 0x0004 to 0x4000. This
corresponds to a time range 2.5 msec to 10240 msec. For a
number N, Time = N * 0.625 msec.
Peer_Address_Type
1 byte
0x00: Public device address (default)
0x01: Random device address
Peer_Address
6 bytes
Address of the peer device with which a connection has to be
established.
Own_Address_Type
1 byte
0x00: Public device address (default)
0x01: Random device address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com