Electronic Components Datasheet Search
  English  ▼

X  

UM1865 Datasheet(PDF) 58 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 54Page - STMicroelectronics UM1865 Datasheet HTML 55Page - STMicroelectronics UM1865 Datasheet HTML 56Page - STMicroelectronics UM1865 Datasheet HTML 57Page - STMicroelectronics UM1865 Datasheet HTML 58Page - STMicroelectronics UM1865 Datasheet HTML 59Page - STMicroelectronics UM1865 Datasheet HTML 60Page - STMicroelectronics UM1865 Datasheet HTML 61Page - STMicroelectronics UM1865 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 132 page
background image
Vendor specific commands
UM1865
58/132
DocID027514 Rev 1
Event(s) generated:
A command complete event is generated for this command. If the command was
successfully processed, the status field will have the value BLE_STATUS_SUCCESS and
Evt_Blue_Gap_Procedure_Completed event is returned with the procedure code set to the
corresponding procedure.
4.3.32
Aci_Gap_Start_Connection_Update
Description:
Start the connection update procedure. A LE_Connection_Update call is be made to the
controller by GAP
Table 101. Aci_Gap_Start_Connection_Update
Command name
Parameters
Return
Aci_Gap_Start_Connection_Update (0xFC9E)
Conn_Handle
Conn_Interval_Min
Conn_Interval_Max
Conn_Latency
Supervision_Timeout
Conn_Len_Min
Conn_Len_Max
Status
Table 102. Aci_Gap_Start_Connection_Update command parameters
Parameter
Size
Description
Conn_Handle
2 bytes
Handle of the connection for which the update procedure has to
be started.
Conn_Interval_Min
2 bytes
Minimum value for the connection event interval. This shall be
less than or equal to Conn_Interval_Max.
Range: 0x0006 to 0x0C80
Time = N * 1.25 msec
Time Range: 7.5 msec to 4 seconds
Conn_Interval_Max
2 bytes
Maximum value for the connection event interval. This shall be
greater than or equal to Conn_Interval_Min.
Range: 0x0006 to 0x0C80
Time = N * 1.25 msec
Time Range: 7.5 msec to 4 seconds
Conn_Latency
2 bytes
Slave latency for the connection in number of connection events.
Range: 0x0000 to 0x01F4
Supervision_Timeout 2 bytes
Supervision timeout for the LE Link.
Range: 0x000A to 0x0C80
Time = N * 10 msec
Time Range: 100 msec to 32 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com