Electronic Components Datasheet Search
  English  ▼

X  

UM1865 Datasheet(PDF) 66 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 62Page - STMicroelectronics UM1865 Datasheet HTML 63Page - STMicroelectronics UM1865 Datasheet HTML 64Page - STMicroelectronics UM1865 Datasheet HTML 65Page - STMicroelectronics UM1865 Datasheet HTML 66Page - STMicroelectronics UM1865 Datasheet HTML 67Page - STMicroelectronics UM1865 Datasheet HTML 68Page - STMicroelectronics UM1865 Datasheet HTML 69Page - STMicroelectronics UM1865 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 132 page
background image
Vendor specific commands
UM1865
66/132
DocID027514 Rev 1
4.4
GAP VS Events
4.4.1
Evt_Blue_Gap_Limited_Discoverable
This event is generated by the controller when the limited discoverable mode ends due to
timeout. The timeout is 180 seconds.
4.4.2
Evt_Blue_Gap_Pairing_Complete
This event is generated when the pairing process has completed successfully or a pairing
procedure timeout has occurred or the pairing has failed. This is to notify the application that
we have paired with a remote device so that it can take further actions or to notify that a
timeout has occurred so that the upper layer can decide to disconnect the link.
4.4.3
Evt_Blue_Pass_Key_Request
This event is generated by the Security manager to the application when a passkey is
required for pairing. When this event is received, the application has to respond with the
Aci_Gap_Pass_Key_Response command.
Table 121. GAP VS events
Item
Command
CGID
CID
OpCode
1
Evt_Blue_Gap_Limited_Discoverable
0x01
0x00
0x0400
2
Evt_Blue_Gap_Pairing_Complete
0x01
0x01
0x0401
3
Evt_Blue_Pass_Key_Request
0x01
0x02
0x0402
4
Evt_Blue_Authorization_Request
0x01
0x03
0x0403
5
Evt_Blue_Slave_Security_Initiated
0x01
0x04
0x0404
6
Evt_Blue_Gap_Bond_Lost
0x01
0x05
0x0405
7
Evt_Blue_Gap_Procedure_Complete
0x01
0x07
0x0407
8
Evt_Blue_Gap_Addr_Not_Resolved
0x01
0x08
0x0408
Table 122. Evt_Blue_Gap_Pairing_Complete
Parameter
Size
Description
Event code
2 bytes
0x0401
Connection handle
2 bytes
Connection handle on which the pairing procedure completed
Status
1 byte
0x00: Pairing success
Pairing with a remote device was successful
0x01: Pairing timeout
The SMP timeout has elapsed and no further SMP commands
will be processed until reconnection
0x02: Pairing failed
The pairing failed with the remote device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com