Electronic Components Datasheet Search
  English  ▼

X  

UM1865 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 37Page - STMicroelectronics UM1865 Datasheet HTML 38Page - STMicroelectronics UM1865 Datasheet HTML 39Page - STMicroelectronics UM1865 Datasheet HTML 40Page - STMicroelectronics UM1865 Datasheet HTML 41Page - STMicroelectronics UM1865 Datasheet HTML 42Page - STMicroelectronics UM1865 Datasheet HTML 43Page - STMicroelectronics UM1865 Datasheet HTML 44Page - STMicroelectronics UM1865 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 132 page
background image
DocID027514 Rev 1
41/132
UM1865
Vendor specific commands
132
Event(s) generated:
The security parameters will be returned in a command complete event. The first byte
indicates the status of the security manager (channel opened or closed).
Table 63. Aci_Gap_Get_Security_Level return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
MIMT protection
required
1 byte
0x00: Not required
0x01: Required
Bonding required
1 byte
0x00: Not required
0x01: Required
OOB data present
1 byte
0x00: Not present
0x01: Present
Passkey required
1 byte
0x00: Not required
0x01: Fixed pin is present which is being used
0x2: Passkey required for pairing. An event will be generated
when required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More