Electronic Components Datasheet Search
  English  ▼

X  

UM1865 Datasheet(PDF) 61 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 57Page - STMicroelectronics UM1865 Datasheet HTML 58Page - STMicroelectronics UM1865 Datasheet HTML 59Page - STMicroelectronics UM1865 Datasheet HTML 60Page - STMicroelectronics UM1865 Datasheet HTML 61Page - STMicroelectronics UM1865 Datasheet HTML 62Page - STMicroelectronics UM1865 Datasheet HTML 63Page - STMicroelectronics UM1865 Datasheet HTML 64Page - STMicroelectronics UM1865 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 132 page
background image
DocID027514 Rev 1
61/132
UM1865
Vendor specific commands
132
Event(s) generated:
A command complete event is generated. If BLE_STATUS_SUCCESS is returned in the
status byte, then the address is also returned in the event.
4.3.35
Aci_Gap_Get_Bonded_Devices
Description: This command gets the list of the devices which are bonded. It returns the
number of addresses and the corresponding address types and values.
Table 108. Aci_Gap_Resolve_Private_Address command parameters
Parameter
Size
Description
Peer address
6 bytes
Address to be resolved.
Table 109. Aci_Gap_Resolve_Private_Address return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: BLE_STATUS_INVALID_PARAMETER
0x48: The address was not resolved
Address
6 bytes
The public or static random address of the peer device,
distributed during pairing phase.
Table 110. Aci_Gap_Get_Bonded_Devices
Command name
Parameters
Return
Aci_Gap_Get_Bonded_Devices(0xFCA3)
-
Status
Number of addresses to
follow
List of addr type-address
Table 111. Aci_Gap_Get_Bonded_Devices return parameters
Parameter
Size
Description
Number of addr, Type-address
pairs
1 byte
The number of address type-address pairs
to follow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com