Electronic Components Datasheet Search
  English  ▼

X  

UM1865 Datasheet(PDF) 63 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 59Page - STMicroelectronics UM1865 Datasheet HTML 60Page - STMicroelectronics UM1865 Datasheet HTML 61Page - STMicroelectronics UM1865 Datasheet HTML 62Page - STMicroelectronics UM1865 Datasheet HTML 63Page - STMicroelectronics UM1865 Datasheet HTML 64Page - STMicroelectronics UM1865 Datasheet HTML 65Page - STMicroelectronics UM1865 Datasheet HTML 66Page - STMicroelectronics UM1865 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 132 page
background image
DocID027514 Rev 1
63/132
UM1865
Vendor specific commands
132
Event(s) generated:
A command complete event is returned where the status indicates whether the command
was successful.
Table 113. Aci_Gap_Set_Broadcast_Mode command parameters
Parameter
Size
Description
Advertising_Interval_Min
2 bytes
Minimum advertising interval.
Range: 0x00A0 to 0x4000
Time = N * 0.625 msec
Time Range: 100 ms to 10.24 sec
Advertising_Interval_Max
2 bytes
Maximum advertising interval.
Range: 0x00A0 to 0x4000
Time = N * 0.625 msec
Time Range: 100 ms to 10.24 sec
Advertising_Type
1 byte
0x02: Scannable undirected advertising
0x03: Non connectable undirected advertising
Own_Address_Type
1 byte
If Privacy Disabled:
0x00: Public address
0x01: Static random address
If Privacy Enabled:
0x02: Resolvable private address
0x03: Non resolvable private address
adv_data_len
1 byte
Length of the advertising data in the advertising packet
adv_data
adv_data_len
bytes
Advertising data used by the device while advertising
Num_WhiteList_Entries
1 byte
Number of devices to be added to whitelist
whitelist
Num_WhiteLi
st_Entries * 7
bytes
The addr_array will contain Num_White_List_Entries
number of addresses and their address types that have
to be added into the whitelist. The format of the
addr_array should be address type followed by address.
Table 114. Aci_Gap_Set_Broadcast_Mode return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: HCI_INVALID_PARAMETER
0x0C: COMMAND DISALLOWED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com