Electronic Components Datasheet Search
  English  ▼

X  

UM1865 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 38Page - STMicroelectronics UM1865 Datasheet HTML 39Page - STMicroelectronics UM1865 Datasheet HTML 40Page - STMicroelectronics UM1865 Datasheet HTML 41Page - STMicroelectronics UM1865 Datasheet HTML 42Page - STMicroelectronics UM1865 Datasheet HTML 43Page - STMicroelectronics UM1865 Datasheet HTML 44Page - STMicroelectronics UM1865 Datasheet HTML 45Page - STMicroelectronics UM1865 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
Vendor specific commands
UM1865
42/132
DocID027514 Rev 1
4.3.19
Aci_Gap_Set_Event_Mask
Description:
It allows masking events from the GAP. The default configuration is all the events masked.
Event(s) generated:
A command complete event is generated on the completion of the command.
Table 64. Aci_Gap_Set_Event_Mask
Command name
Parameters
Return
Aci_Gap_Set_Event_Mask (0xFC91)
Event mask
Status
Table 65. Aci_Gap_Set_Event_Mask command parameters
Parameter
Size
Description
Event mask
2 bytes
0x0001: Evt_Blue_Gap_Limited_Discoverable
0x0002: Evt_Blue_Pairing_Complete
0x0004: Evt_Blue_Pass_Key_Request
0x0008: Evt_Blue_Authorization_Request
0x0010: Evt_Blue_Slave_Security_Initiated
0x0020: Evt_Blue_Gap_Bond_Lost
Table 66. Aci_Gap_Set_Event_Mask return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x12: Invalid HCI command parameter