Electronic Components Datasheet Search
  English  ▼

X  

UM1865 Datasheet(PDF) 114 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 110Page - STMicroelectronics UM1865 Datasheet HTML 111Page - STMicroelectronics UM1865 Datasheet HTML 112Page - STMicroelectronics UM1865 Datasheet HTML 113Page - STMicroelectronics UM1865 Datasheet HTML 114Page - STMicroelectronics UM1865 Datasheet HTML 115Page - STMicroelectronics UM1865 Datasheet HTML 116Page - STMicroelectronics UM1865 Datasheet HTML 117Page - STMicroelectronics UM1865 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 132 page
background image
Vendor specific commands
UM1865
114/132
DocID027514 Rev 1
4.6.2
Evt_Blue_Gatt_Procedure_Timeout
This event is generated by the client/server to the application on a GATT timeout (30
seconds).
4.6.3
Evt_Blue_Gatt_Procedure_Complete
This event is generated when a GATT client procedure completes either with error or
successfully.
4.6.4
Evt_Blue_Gatt_Disc_Read_Charac_By_UUID_Resp
This event can be generated during a "Discover Characteristics By UUID" procedure or a
"Read using Characteristic UUID" procedure.
The attribute value will be a service declaration as defined in Bluetooth Core v4.1spec
(vol.3, Part G, ch. 3.3.1), when a "Discover Characteristics By UUID" has been started. It will
be the value of the Characteristic if a* "Read using Characteristic UUID" has been
performed.
Offset
2 bytes
The Offset in from which the write has been performed by the
peer device
Attribute value
0-N bytes
The modified data
Table 257. Evt_Blue_Gatt_Attribute_modified (continued)
Parameter
Size
Description
Table 258. Evt_Blue_Gatt_Procedure_Timeout
Parameter
Size
Description
Event code
2 bytes
The event code of the vendor specific event
Connection handle
2 bytes
The connection handle on which the gatt procedure has timed
out
Table 259. Evt_Blue_Gatt_Procedure_Complete
Parameter
Size
Description
Event code
2 bytes
The event code of the vendor specific event
Connection handle
2 bytes
The connection handle which the gatt procedure has completed
data_len
1 byte
Will always be 1 byte.
data buffer
0-N bytes
Indicates whether the procedure completed with error
(BLE_STATUS_FAILED) or was successful
(BLE_STATUS_SUCCESS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com