Electronic Components Datasheet Search
  English  ▼

X  

UM1865 Datasheet(PDF) 120 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 116Page - STMicroelectronics UM1865 Datasheet HTML 117Page - STMicroelectronics UM1865 Datasheet HTML 118Page - STMicroelectronics UM1865 Datasheet HTML 119Page - STMicroelectronics UM1865 Datasheet HTML 120Page - STMicroelectronics UM1865 Datasheet HTML 121Page - STMicroelectronics UM1865 Datasheet HTML 122Page - STMicroelectronics UM1865 Datasheet HTML 123Page - STMicroelectronics UM1865 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 132 page
background image
Vendor specific commands
UM1865
120/132
DocID027514 Rev 1
Event(s) generated:
The controller will generate a command complete event.
4.7.6
Write_Config_Data
Description:
This command writes a value to a low level configure data structure. It is useful to setup
directly some low level parameters for the system in the runtime.
Table 276. Hal_IO_get_bit return parameters
Parameter
Size
Description
Index
1 byte
0x00: BLE_STATUS_SUCCESS
0x47: BLE_STATUS_ERROR
Value
1 byte
0x0: IO value is 0
0x1: IO value is 1
Table 277. Write_Config_Data
Command name
Parameters
Return
Write_Config_Data (0xFC0C)
Offset
Length
Value
Status
Table 278. Write_Config_Data command parameters
Parameter
Size
Description
Offset
1 byte
Offset in the data structure. The starting member in the data
structure will have an offset 0.
Length
1 byte
Length of data to be written
Value
0-N bytes
Data to be written
Table 279. Write_Config_Data members
Data Members
Size
Size
Description
Public address
6 bytes
0x00
Bluetooth public address
DIV
2 bytes
0x06
DIV used to derive CSRK
ER
16 bytes
0x08
Encryption root key used to derive LTK and CSRK
IR
16 bytes
0x18
Identity root key used to derive LTK and CSRK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com