Electronic Components Datasheet Search
  English  ▼

X  

LT1769 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1769
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1769 Datasheet HTML 4Page - Linear Technology LT1769 Datasheet HTML 5Page - Linear Technology LT1769 Datasheet HTML 6Page - Linear Technology LT1769 Datasheet HTML 7Page - Linear Technology LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology LT1769 Datasheet HTML 10Page - Linear Technology LT1769 Datasheet HTML 11Page - Linear Technology LT1769 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1769
TEST CIRCUITS
Test Circuit 1
VREF
≈ 0.65V
VBAT
VC
CA2
–
+
–
+
CA1
+
300
Ω
20k
1k
1k
RS1
100
Ω
BAT
SENSE
SPIN
1769 TC01
PROG
RPROG
0.047
µF
LT1769
1
µF
60k
LT1006
+
RS2
200
Ω
RS3
200
Ω
Test Circuit 2
VREF
2.465V
+
10k
10k
OVP
1769 TC02
IPROG
RPROG
LT1769
PROG
LT1013
0.47
µF
–
+
VA
OPERATION
The LT1769 is a current mode PWM step-down (buck)
switcher. The battery DC charge current is programmed
by a resistor RPROG (or a DAC output current) at the PROG
pin (see Block Diagram). Amplifier CA1 converts the
charge current through RS1 to a much lower current IPROG
fed into the PROG pin. Amplifier CA2 compares the output
of CA1 with the programmed current and drives the PWM
control loop to force them to be equal. High DC accuracy
is achieved with averaging capacitor CPROG. Note that
IPROG has both AC and DC components. IPROG goes
through R1 and generates a ramp signal that is fed to the
PWM control comparator C1 through buffer B1 and level
shift resistors R2 and R3, forming the current mode inner
loop. The BOOST pin drives the switch NPN QSW into
saturation and reduces power loss. For batteries like
lithium-ion that require both constant-current and con-
stant-voltage charging, the 0.5%, 2.465V reference and
the amplifier VA reduce the charge current when battery
voltage reaches the preset level. For NiMH and NiCd, VA
can be used for overvoltage protection. When the input
voltage is removed, the VCC pin drops to 0.7V below the
battery voltage, forcing the charger into a low battery drain
(3
µA typical) sleep mode. To shut down the charger,
simply pull the VC pin low with a transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com