Electronic Components Datasheet Search
  English  ▼

X  

LT1769 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1769
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1769 Datasheet HTML 3Page - Linear Technology LT1769 Datasheet HTML 4Page - Linear Technology LT1769 Datasheet HTML 5Page - Linear Technology LT1769 Datasheet HTML 6Page - Linear Technology LT1769 Datasheet HTML 7Page - Linear Technology LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology LT1769 Datasheet HTML 10Page - Linear Technology LT1769 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1769
BLOCK DIAGRAM
–
+
–
+
VSW
0.7V
1.5V
VBAT
VREF
VC
GND
UV
SLOPE COMPENSATION
R2
R3
C1
PWM
B1
CA2
–
+
–
+
CA1
VA
+
+
7V
+
VREF
2.465V
SHUTDOWN
200kHz
OSCILLATOR
S
R
R
R
R1
1k
RPROG
VCC
UVOUT
VCC
BOOST
SW
SENSE
SPIN
BAT
IPROG
RS3
RS2
RS1
IBAT
0VP
BAT
1769 BD
PROG
IPROG
IBAT =
(IPROG)(RS2)
RS1
CPROG
75k
QSW
VCC
gm = 0.64
–
+
CL1
CLP
100mV
CLN
COMP1
COMP2
+
=
(RS3 = RS2)
2.465V
RPROG
RS2
RS1
(())



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com