Electronic Components Datasheet Search
  English  ▼

X  

LT1769 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1769
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 4 Page - Linear Technology

  LT1769 Datasheet HTML 1Page - Linear Technology LT1769 Datasheet HTML 2Page - Linear Technology LT1769 Datasheet HTML 3Page - Linear Technology LT1769 Datasheet HTML 4Page - Linear Technology LT1769 Datasheet HTML 5Page - Linear Technology LT1769 Datasheet HTML 6Page - Linear Technology LT1769 Datasheet HTML 7Page - Linear Technology LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1769
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency of Figure 1 Circuit
IBAT (A)
0.2
100
98
96
94
92
90
88
86
84
82
80
1.0
1.8
2.2
1769 G01
0.6
1.4
VIN = 16.5
VBAT = 8.4V
CHARGER EFFICIENCY
INCLUDES LOSS
IN DIODE D3
VCC (V)
0
7.0
6.5
6.0
5.5
5.0
4.5
5
10
15
20
1769 G03
25
30
TJ = 125°C
TJ = 25°C
TJ = 0°C
MAXIMUM DUTY CYCLE
ICC vs Duty Cycle
DUTY CYCLE (%)
0
1030
5070
80
1769 G02
20
40
60
8
7
6
5
4
3
2
1
0
TJ = 125°C
TJ = 0°C
TJ = 25°C
VCC = 16V
ICC vs VCC
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 16V, VBAT = 8V. No load on any outputs unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Amplifier VA
Transconductance (Note 3)
Output Current from 50
µA to 500µA
0.25
0.6
1.3
mho
Output Source Current
VOVP = VREF + 10mV, VPROG = VREF + 10mV
1.1
mA
OVP Input Bias Current
VA Output Current at 0.5mA
q
±3
±10
nA
VA Output Current at 0.5mA, TA > 90°C
q
–15
25
nA
Current Limit Amplifier CL1, 8V
≤ Input Common Mode
Turn-On Threshold
0.5mA Output Current
93
100
107
mV
Transconductance
Output Current from 50
µA to 500µA
0.5
1
2
mho
CLP Input Current
0.5mA Output Current, VUV ≥ 0.4V
0.3
1
µA
CLN Input Current
0.5mA Output Current VUV ≥ 0.4V
0.8
2
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Tested with Test Circuit 1.
Note 3: Tested with Test Circuit 2.
Note 4: A linear interpolation can be used for reference voltage
specification between 0
°C and –40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com