Electronic Components Datasheet Search
  English  ▼

X  

LT1769 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1769
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1769 Datasheet HTML 6Page - Linear Technology LT1769 Datasheet HTML 7Page - Linear Technology LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology LT1769 Datasheet HTML 10Page - Linear Technology LT1769 Datasheet HTML 11Page - Linear Technology LT1769 Datasheet HTML 12Page - Linear Technology LT1769 Datasheet HTML 13Page - Linear Technology LT1769 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1769
APPLICATIONS INFORMATION
R5 =
R6(V
– V
)
V
UV
UV
IN
VUV = Rising lockout threshold on the UV pin
VIN = Charger input voltage that will sustain full load power
Example: With R6 = 5k, VUV = 6.7V and setting VIN at 12V;
R5 = 5k (12V – 6.7V)/6.7V = 4k
The resistor divider should be connected directly to the
adapter output as shown, not to the VCC pin, to prevent
battery drain with no adapter voltage. If the UV pin is not
used, connect it to the adapter output (not VCC) and
connect a resistor no greater than 5k to ground. Floating
this pin will cause reverse battery current to increase from
3
µA to 200µA.
If connecting the unused UV pin to the adapter output is
not possible, it can be grounded. Although it would seem
that grounding the pin creates a permanent lockout state,
the UV circuitry is arranged for phase reversal with low
voltages on the UV pin to allow the grounding technique to
work.
ally, batteries will automatically be charged at the maximum
possible rate of which the adapter is capable.
This is accomplished by sensing total adapter output
current and adjusting the charge current downward if a
preset adapter current limit is exceeded. True analog
control is used, with closed-loop feedback ensuring that
adapter load current remains below the limit. Amplifier
CL1 in Figure 2 senses the voltage across RS4, connected
between the CLP and CLN pins. When this voltage exceeds
100mV, the amplifier will override the programmed charge
current to limit adapter current to 100mV/RS4. A lowpass
filter formed by 500
Ω and 1µF is required to eliminate
switching noise. If the input current limit is not used, both
CLP and CLN pins should be connected to VCC.
Charge Current Programming
The basic formula for charge current is (see Block
Diagram):
IBAT = IPROG
=
2.465V
RPROG
RS2
RS1
()( )
RS2
RS1
()
where RPROGisthetotalresistancefromPROGpintoground.
For the sense amplifier CA1 biasing purpose, RS3 should
have the same value as RS2 and SPIN should be connected
directly to the sense resistor (RS1) as shown in the Block
Diagram.
For example, 2A charge current is needed. For low power
dissipation on RS1 and enough signal to drive the amplifier
CA1, let RS1 = 100mV/2A = 0.05Ω. This limits RS1 power
to 0.2W. Let RPROG = 5k, then:
RS2 = RS3 =
=
= 200
Ω
(IBAT)(RPROG)(RS1)
2.465V
(2A)(5k)(0.05)
2.465V
Charge current can also be programmed by pulse width
modulating IPROG with a switch Q1 to RPROG at a frequency
higher than a few kHz (Figure 3). Charge current will be
proportional to the duty cycle of the switch with full current
at 100% duty cycle.
100mV
500
Ω
CLP
CLN
VCC
UV
1769 F02
R5
LT1769
R6
1
µF
+
RS4*
VIN
AC ADAPTER
OUTPUT
*RS4 =
100mV
ADAPTER CURRENT LIMIT
+
–
+
CL1
Figure 2. Adapter Input Current Limiting
Adapter Current Limiting
An important feature of the LT1769 is the ability to
automatically adjust charge current to a level which avoids
overloading the wall adapter. This allows the product to
operate at the same time the batteries are being charged
without complex load management algorithms. Addition-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com