Electronic Components Datasheet Search
  English  ▼

X  

LT1769 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1769
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 5 Page - Linear Technology

  LT1769 Datasheet HTML 1Page - Linear Technology LT1769 Datasheet HTML 2Page - Linear Technology LT1769 Datasheet HTML 3Page - Linear Technology LT1769 Datasheet HTML 4Page - Linear Technology LT1769 Datasheet HTML 5Page - Linear Technology LT1769 Datasheet HTML 6Page - Linear Technology LT1769 Datasheet HTML 7Page - Linear Technology LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1769
TYPICAL PERFORMANCE CHARACTERISTICS
VCC (V)
0
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
5
10
15
20
1769 G04
25
30
ALL TEMPERATURES
VREF Line Regulation
IVA vs ∆VOVP (Voltage Amplifier)
IVA (mA)
0
4
3
2
1
0
0.8
1769 G05
0.2
0.1
0.3
0.5
0.7
0.9
0.4
0.6
1.0
TJ = 125°C
TJ = 25°C
VC Pin Characteristics
VC (V)
0
0.2
0.6
1.0
1.4
1.8
–1.20
–1.08
–0.96
–0.84
–0.72
–0.60
–0.48
–0.36
–0.24
–0.12
0
0.12
1.6
1769 G07
0.4
0.8
1.2
2.0
JUNCTION TEMPERATURE (
°C)
0
120
1769 G06
40
80
98
97
96
95
94
93
92
91
90
20
60
100
140
Maximum Duty Cycle
Reference Voltage
vs Temperature
JUNCTION TEMPERATURE
0
2.470
2.468
2.466
2.464
2.462
2.460
2.458
25
50
75
100
1769 G09
125
150
VPROG (V)
01
2
3
5
4
6
0
–6
1769 G08
TJ = 125°C
TJ = 25°C
PROG Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com