Electronic Components Datasheet Search
  English  ▼

X  

LT1769 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1769
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology LT1769 Datasheet HTML 10Page - Linear Technology LT1769 Datasheet HTML 11Page - Linear Technology LT1769 Datasheet HTML 12Page - Linear Technology LT1769 Datasheet HTML 13Page - Linear Technology LT1769 Datasheet HTML 14Page - Linear Technology LT1769 Datasheet HTML 15Page - Linear Technology LT1769 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1769
1769f LT/TP 0999 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
APPLICATIONS INFORMATION
CIN
COUT
RS1
D1
L1
GND
GND
1769 F14
TO
GND
TO
GND
NOTE: CONNECT ALL GND PINS TO EXPANDED PC LANDS FOR PROPER HEAT SINKING
GND
GND
GND
SW
BOOST
UV
GND
GND
OVP
CLP
CLN
COMP1
SENSE
GND
GND
GND
GND
VCC1
VCC2
VCC3
GND
PROG
VC
UVOUT
COMP2
BAT
SPIN
GND
Figure 14. Critical Electrical and Thermal Path Layout
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1325
Microprocessor-Controlled Battery Management System
Can Charge, Discharge and Gas Gauge NiCd and Lead-Acid
Batteries with Software Charging Profiles
LT1372/LT1377
500kHz/1MHz Step-Up Switching Regulators
High Frequency, Small Inductor, High Efficiency Switchers, 1.5A Switch
LT1376
500kHz Step-Down Switching Regulator
High Frequency, Small Inductor, High Efficiency Switcher, 1.5A Switch
LT1505
High Current, High Efficiency Battery Charger
94% Efficiency, Synchronous Current Mode PWM
LT1510
Constant-Voltage/Constant-Current Battery Charger
Up to 1.5A Charge Current for Lithium-Ion, NiCd and NiMH Batteries
LT1511
Constant-Voltage/Constant-Current Battery Charger
Up to 3A Charge Current for Lithium-Ion, NiCd and NiMH Batteries
LT1512/LT1513
SEPIC Battery Chargers
VIN Can Be Higher or Lower Than Battery Voltage
LTC1729
Li-Ion Battery Charger Termination Controller
Preconditioning If Cell < 2.7V, 3hr Time-Out, C/10 Detection, Temp Sensor
Pin, Charger and Battery Detection
LTC1759
SMBus Smart Battery Charger
94% Efficiency with Input Current Limiting, Up to 8A ICHG
RELATED PARTS
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
GN Package
28-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
GN28 (SSOP) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.0075 – 0.0098
(0.191 – 0.249)
0.053 – 0.069
(1.351 – 1.748)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.009
(0.102 – 0.249)
0.0250
(0.635)
BSC
0.386 – 0.393*
(9.804 – 9.982)
12
3
4
5
6
7
8
9 10 11 12
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
20
21
22
23
24
25
26
27
28
19 18 17
13 14
1615
0.033
(0.838)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com