Electronic Components Datasheet Search
  English  ▼

X  

LT1769 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1769
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology LT1769 Datasheet HTML 10Page - Linear Technology LT1769 Datasheet HTML 11Page - Linear Technology LT1769 Datasheet HTML 12Page - Linear Technology LT1769 Datasheet HTML 13Page - Linear Technology LT1769 Datasheet HTML 14Page - Linear Technology LT1769 Datasheet HTML 15Page - Linear Technology LT1769 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1769
APPLICATIONS INFORMATION
Figure 11. Replacing the Input Diode
CHARGE CURRENT (A)
0
40
50
2
1769 F09
30
20
0.5
1
1.5
70
60
NOTE: PEAK DIE TEMPERATURE
WILL BE ABOUT 15
°C HIGHER AT
2A CHARGE CURRENT
VIN = 19V
VBAT = 12.3V
VBOOST = 5V
2-LAYER BOARD
ROOM TEMP = 24
°C
5 IN2 BOARD
25 IN2 BOARD
BOARD AREA (IN
2)
0
45
40
35
30
25
20
15
10
15
25
1769 F08
510
20
30
35
MEASURED FROM AIR AMBIENT
TO DIE USING COPPER LANDS
AS SHOWN ON DATA SHEET
2-LAYER BOARD
4-LAYER BOARD
Figure 8. LT1769 Thermal Resistance
Figure 10. High Duty Cycle
VIN
SW
BOOST
SPIN
SENSE
BAT
VCC
VX
3V TO 6V
CX
10
µF
VBAT
1769 F11
C2
0.47
µF
D2
D1
RX
50k
Q2
Q1
LT1769
HIGH DUTY CYCLE CONNECTION
Q1 = Si4435DY
Q2 = TP0610L
+
+
SW
BOOST
SPIN
SENSE
BAT
VBAT
C3
0.47
µF
D2
LT1769
SW
BOOST
SPIN
SENSE
BAT
VX
3V TO 6V
CX
10
µF
VBAT
1769 F10
C3
0.47
µF
D2
LT1769
STANDARD CONNECTION
HIGH DUTY CYCLE CONNECTION
+
+
Battery voltage and input voltage will affect device power
dissipation, so the data sheet power calculations must be
used to extrapolate these readings to other situations.
Vias should be used to connect board layers together.
Planes under the charger area can be cut away from the
rest of the board and connected with vias to form both a
low thermal resistance system and to act as a ground
plane for reduced EMI.
Glue-on, chip-mounted heat sinks are effective only in
moderate power applications where the PC board copper
cannot be used, or where the board size is small. They
offer very little improvement in a properly laid out multi-
layer board of reasonable size.
Higher Duty Cycle for the LT1769 Battery Charger
Maximum duty cycle for the LT1769 is typically 90%, but
this may be too low for some applications. For example, if
an 18V
±3% adapter is used to charge ten NiMH cells, the
charger must put out approximaly 15V. A total of 1.6V is
lost in the input diode, switch resistance, inductor resis-
tance and parasitics, so the required duty cycle is
15/16.4 = 91.4%. The duty cycle can be extended to 93%
by restricting boost voltage to 5V instead of using VBAT as
is normally done. This lower boost voltage also reduces
power dissipation in the LT1769, so it is a win-win deci-
sion. Connect an external source of 3V to 6V at VX node in
Figure 10 with a 10
µF CX bypass capacitor.
Figure 9. LT1769 Lead Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com