Electronic Components Datasheet Search
  English  ▼

X  

LT1816 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1816
Description  Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1816 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1816 Datasheet HTML 3Page - Linear Technology LT1816 Datasheet HTML 4Page - Linear Technology LT1816 Datasheet HTML 5Page - Linear Technology LT1816 Datasheet HTML 6Page - Linear Technology LT1816 Datasheet HTML 7Page - Linear Technology LT1816 Datasheet HTML 8Page - Linear Technology LT1816 Datasheet HTML 9Page - Linear Technology LT1816 Datasheet HTML 10Page - Linear Technology LT1816 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1815/LT1816/LT1817
7
181567fb
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT
Maximum Output Current
VOUT = 1.5V or 3.5V, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
±30
±25
±20
±50
mA
mA
mA
Maximum Output Current
(Low Power Mode) (Note 10)
LT1815S6/LT1816A; 40kΩ Between ISET and V–;
VOUT = 1.5V or 3.5V, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
±30
±25
±20
±50
mA
mA
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive (Note 3)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
±80
±70
±50
±140
mA
mA
mA
SR
Slew Rate
AV = –1 (Note 5)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
450
375
300
750
V/μs
V/μs
V/μs
FPBW
Full-Power Bandwidth
2VP-P (Note 6)
120
MHz
GBW
Gain-Bandwidth Product
f = 200kHz, RL = 500Ω, LT1815
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
140
130
120
200
MHz
MHz
MHz
f = 200kHz, RL = 500Ω, LT1816/LT1817
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
130
110
100
200
MHz
MHz
MHz
Gain-Bandwidth Product
(Low Power Mode) (Note 10)
LT1815S6/LT1816A; 40kΩ Between ISET and V–;
f = 200kHz, RL = 500Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
30
25
20
50
MHz
MHz
MHz
–3dB BW –3dB Bandwidth
AV = 1, RL = 500Ω
300
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
1.2
ns
tPD
Propagation Delay
AV = 1, 50% to 50%, 0.1V, RL = 100Ω
1.5
ns
OS
Overshoot
AV = 1, 0.1V; RL = 100Ω
25
%
tS
Settling Time
AV = –1, 0.1%, 2V
15
ns
THD
Total Harmonic Distortion
AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–65
dB
dG
Differential Gain
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.08
%
dP
Differential Phase
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.13
Deg
ROUT
Output Resistance
AV = 1, f = 1MHz
0.24
Ω
IS
Supply Current
LT1815
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
6.3
8
10
11
mA
mA
mA
LT1816/LT1817, per Amplifier
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
6.3
9
12
13
mA
mA
mA
Supply Current (Low Power Mode)
(Note 10)
LT1815S6/LT1816A, 40kΩ Between ISET and V–, per Amplifier
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
0.9
1.5
1.8
2.0
mA
mA
mA
ISET
ISET Pin Current (Note 10)
LT1815S6/LT1816A
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
–150
–175
–200
–100
μA
μA
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C (Note 8). VS = 5V, OV; VCM = 2.5V, RL to 2.5V, unless otherwise noted. For the
programmable current option (LT1815S6 or LT1816A), the ISET pin must be connected to V– through 75Ω or less, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Differential inputs of ±6V are appropriate for transient operation
only, such as during slewing. Large sustained differential inputs can cause
excessive power dissipation and may damage the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com