Electronic Components Datasheet Search
  English  ▼

X  

LT1816 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1816
Description  Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1816 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1816 Datasheet HTML 5Page - Linear Technology LT1816 Datasheet HTML 6Page - Linear Technology LT1816 Datasheet HTML 7Page - Linear Technology LT1816 Datasheet HTML 8Page - Linear Technology LT1816 Datasheet HTML 9Page - Linear Technology LT1816 Datasheet HTML 10Page - Linear Technology LT1816 Datasheet HTML 11Page - Linear Technology LT1816 Datasheet HTML 12Page - Linear Technology LT1816 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1815/LT1816/LT1817
9
181567fb
TYPICAL PERFORMANCE CHARACTERISTICS
Output Short-Circuit Current
vs Temperature
Output Current vs Temperature
Output Impedance vs Frequency
Gain and Phase vs Frequency
Gain Bandwidth and Phase
Margin vs Temperature
Gain vs Frequency, AV = 1
Open-Loop Gain vs Temperature
Output Voltage Swing
vs Supply Voltage
Output Voltage Swing
vs Load Current
TEMPERATURE (°C)
–50
70.0
72.5
75.0
25
75
181567 G07
67.5
65.0
–25
0
50
100
125
62.5
60.0
VS = ±5V
VO = ±3V
RL = 500Ω
RL = 100Ω
SUPPLY VOLTAGE (±V)
0
V–
1.0
1.5
2.0
V+
–2.0
–1.5
2
4
5
181567 G08
0.5
–1.0
–0.5
1
3
6
7
TA = 25°C
ΔVOS = 30mV
RL = 100Ω
RL = 100Ω
RL = 500Ω
RL = 500Ω
OUTPUT CURRENT (mA)
–120
–2
40
181567 G09
–3
–4
–5
5
4
3
2
–80
–40
0
80
120
TA = 25°C
VS = ±5V
ΔVOS = 30mV
SINK
SOURCE
TEMPERATURE (°C)
–50
160
200
240
25
75
181567 G10
120
80
–25
0
50
100
125
40
0
SOURCE
SINK
VS = ±5V
VIN = ±1V
TEMPERATURE (°C)
–50
100
125
150
25
75
181567 G11
75
50
–25
0
50
100
125
25
0
ΔVOS = 30mV
VOUT = ±3V FOR VS = ±5V
VOUT = ±1V FOR VS = ±2.5V
SOURCE, VS = ±5V
SINK, VS = ±5V
SOURCE, VS = ±2.5V
SINK, VS = ±2.5V
FREQUENCY (Hz)
0.01
0.1
100
1M
100k
10k
10M
100M
181567 G12
1
10
AV = 100
AV = 10
AV = 1
TA = 25°C
VS = ±5V
FREQUENCY (Hz)
10k
20
30
40
50
60
100k
1M
500M
100M
10M
181567 G13
10
0
–10
–20
70
80
60
80
100
120
140
40
20
0
–20
160
180
TA = 25°C
AV = –1
RF = RG = 500Ω
±2.5V
±2.5V
±5V
±5V
GAIN
PHASE
TEMPERATURE (°C)
–50
–25
180
240
0
50
75
181567 G14
36
40
38
220
200
25
100
125
GBW
VS = ±5V
GBW
VS = ±2.5V
PHASE MARGIN
VS = ±2.5V
PHASE MARGIN
VS = ±5V
RL = 500Ω
FREQUENCY (Hz)
1M
–5
0
10M
100M
500M
181567 G15
–10
5
TA = 25°C
AV = 1
VS = ±5V
RL = 500Ω
RL = 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com