Electronic Components Datasheet Search
  English  ▼

X  

LT1816 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1816
Description  Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1816 Datasheet(HTML) 1 Page - Linear Technology

  LT1816 Datasheet HTML 1Page - Linear Technology LT1816 Datasheet HTML 2Page - Linear Technology LT1816 Datasheet HTML 3Page - Linear Technology LT1816 Datasheet HTML 4Page - Linear Technology LT1816 Datasheet HTML 5Page - Linear Technology LT1816 Datasheet HTML 6Page - Linear Technology LT1816 Datasheet HTML 7Page - Linear Technology LT1816 Datasheet HTML 8Page - Linear Technology LT1816 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1815/LT1816/LT1817
1
181567fb
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Single/Dual/Quad 220MHz,
1500V/µs Operational Amplifiers
with Programmable Supply Current
The LT®1815/LT1816/LT1817 are low power, high speed,
very high slew rate operational amplifiers with excellent
DC performance. The LT1815/LT1816/LT1817 feature
higher bandwidth and slew rate, much lower input offset
voltage and lower noise and distortion than other devices
with comparable supply current. A programmable current
option (LT1815 and LT1816A) allows power savings and
flexibility by operating at reduced supply current and speed.
The circuit topology is a voltage feedback amplifier with the
slewing characteristics of a current feedback amplifier.
The output drives a 100Ω load to ±3.8V with ±5V supplies.
On a single 5V supply, the output swings from 1V to 4V
with a 100Ω load connected to 2.5V. Harmonic distortion
is –70dB for a 5MHz, 2VP-P output driving a 100Ω load
in a gain of –1.
The LT1815/LT1816/LT1817 are manufactured on Linear
Technology’s advanced low voltage complementary bipolar
process and are available in a variety of TSOT-23, SO,
MSOP, SSOP and leadless DFN packages.
Programmable Current Amplifier Switches
from Low Power Mode to Full Speed Mode
APPLICATIONS
n
220MHz Gain-Bandwidth Product
n
1500V/μs Slew Rate
n
6.5mA Supply Current per Amplifier
n
Programmable Current Option
n
6nV/√Hz Input Noise Voltage
n
Unity-Gain Stable
n
1.5mV Maximum Input Offset Voltage
n
8μA Maximum Input Bias Current
n
800nA Maximum Input Offset Current
n
50mA Minimum Output Current, VOUT = ±3V
n
±3.5V Minimum Input CMR, VS = ±5V
n
Specified at ±5V, Single 5V Supplies
n
Operating Temperature Range: –40°C to 85°C
n
Space Saving MSOP and SSOP Packages
n
Low Profile (1mm) SOT-23 (ThinSOT™) and Leadless
DFN Packages
n
Wideband Amplifiers
n
Buffers
n
Active Filters
n
Video and RF Amplification
n
Communication Receivers
n
Cable Drivers
n
Data Acquisition Systems
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Distortion vs Frequency
–
+
LT1815
40k
100Ω
VOUT
181567 TA01
–5V
ISET
500Ω
HS/LP
VIN
500Ω
5V
FREQUENCY (Hz)
–100
–70
–80
–90
–30
–40
–50
–60
181567 TA02
100k
10M
1M
3RD HARMONIC
2ND HARMONIC
LOW POWER MODE
2ND HARMONIC
3RD HARMONIC
FULL SPEED MODE
AV = 2
VS = ±5V
VO = 2VP-P
RL = 100Ω


Similar Part No. - LT1816

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1816 LINER-LT1816 Datasheet
366Kb / 20P
Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
LT1816 LINER-LT1816 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1816 LINER-LT1816 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1816 LINER-LT1816 Datasheet
380Kb / 16P
Single/Dual Operational Amplifiers
LT1816ACMS LINER-LT1816ACMS Datasheet
366Kb / 20P
Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
More results

Similar Description - LT1816

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1815 LINER-LT1815 Datasheet
366Kb / 20P
Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
logo
Analog Devices
OP292 AD-OP292_02 Datasheet
516Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. B
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Analog Devices
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP292 AD-OP292_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP492 AD-OP492_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
Rev. C
logo
Linear Technology
LT1815 LINER-LT1815_15 Datasheet
548Kb / 20P
Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
LT1817 LINER-LT1817_15 Datasheet
548Kb / 20P
Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
logo
ON Semiconductor
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com