Electronic Components Datasheet Search
  English  ▼

X  

LT1816 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1816
Description  Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1816 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1816 Datasheet HTML 4Page - Linear Technology LT1816 Datasheet HTML 5Page - Linear Technology LT1816 Datasheet HTML 6Page - Linear Technology LT1816 Datasheet HTML 7Page - Linear Technology LT1816 Datasheet HTML 8Page - Linear Technology LT1816 Datasheet HTML 9Page - Linear Technology LT1816 Datasheet HTML 10Page - Linear Technology LT1816 Datasheet HTML 11Page - Linear Technology LT1816 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1815/LT1816/LT1817
8
181567fb
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up
drift.
Note 5: Slew rate is measured between ±2V at the output with ±3V input
for ±5V supplies and 2VP-P at the output with a 3VP-P input for single 5V
supplies.
Note 6: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP
Note 7: This parameter is not 100% tested.
Note 8: The LT1815C/LT1816C/LT1817C are guaranteed to meet specified
performance from 0°C to 70°C and are designed, characterized and
expected to meet the extended temperature limits, but are not tested at
–40°C and 85°C. The LT1815I/LT1816I/LT1817I are guaranteed to meet the
extended temperature limits.
Note 9: Thermal resistance (
θJA) varies with the amount of PC board
metal connected to the package. The specified values are for short
traces connected to the leads. If desired, the thermal resistance can be
substantially reduced by connecting Pin 2 of the TSOT-23, Pin 4 of the
SO-8 and MS8, Pin 5 of the MS10 or the underside metal of the DD
package to a large metal area.
Note 10: A resistor of 40k or less is required between the ISET and V– pins
of the LT1815S6 and the LT1816AMS. See the Applications Information
section for information on selecting a suitable resistor.
ELECTRICAL CHARACTERISTICS
Supply Current vs Temperature
Input Common Mode Range
vs Supply Voltage
Input Bias Current
vs Common Mode Voltage
Input Bias Current vs Temperature
Input Noise Spectral Density
Open-Loop Gain vs Resistive Load
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
–25
0
4
12
10
0
50
75
181567 G01
2
8
6
25
100
125
VS = ±5V
VS = ±2.5V
PER AMPLIFIER
SUPPLY VOLTAGE (±V)
0
V–
1.0
1.5
2.0
V+
–2.0
–1.5
2
4
5
181567 G02
0.5
–1.0
–0.5
1
3
6
7
TA = 25°C
ΔVOS < 1mV
INPUT COMMON MODE VOLTAGE (V)
–5.0
–2
–1
TA = 25°C
VS = ±5V
5.0
181567 G03
–3
–4
–2.5
0
2.5
0
TEMPERATURE (°C)
–50
–1.2
–0.8
0
25
75
181567 G04
–1.6
–2.0
–25
0
50
100
125
–2.4
–2.8
–0.4
VS = ±5V
VS = ±2.5V
FREQUENCY (Hz)
10
100
1
10
in
100
0.1
1
10
1k
10k
100k
181567 G05
TA = 25°C
VS = ±5V
AV = 101
RS = 10k
en
LOAD RESISTANCE (Ω)
100
60.0
62.5
65.0
67.5
70.0
75.0
1k
10k
181567 G06
72.5
TA = 25°C
VS = ±5V
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com