Electronic Components Datasheet Search
  English  ▼

X  

LT1816 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1816
Description  Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1816 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1816 Datasheet HTML 2Page - Linear Technology LT1816 Datasheet HTML 3Page - Linear Technology LT1816 Datasheet HTML 4Page - Linear Technology LT1816 Datasheet HTML 5Page - Linear Technology LT1816 Datasheet HTML 6Page - Linear Technology LT1816 Datasheet HTML 7Page - Linear Technology LT1816 Datasheet HTML 8Page - Linear Technology LT1816 Datasheet HTML 9Page - Linear Technology LT1816 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1815/LT1816/LT1817
6
181567fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C (Note 8). VS = 5V, OV; VCM = 2.5V, RL to 2.5V, unless otherwise noted. For the
programmable current option (LT1815S6 or LT1816A), the ISET pin must be connected to V– through 75Ω or less, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
0.4
2.0
2.5
3.5
mV
mV
mV
Input Offset Voltage
(Low Power Mode) (Note 10)
LT1815S6/LT1816A, 40kΩ Between ISET and V–
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
27
9
10
mV
mV
mV
ΔVOS
ΔT
Input Offset Voltage Drift
TA = 0°C to 70°C (Note 7)
TA = –40°C to 85°C (Note 7)
l
l
10
10
15
30
μV/°C
μV/°C
IOS
Input Offset Current
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
60
800
1000
1200
nA
nA
nA
IB
Input Bias Current
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
–2.4
±8
±10
±12
μA
μA
μA
en
Input Noise Voltage Density
f = 10kHz
6
nV/√Hz
in
Input Noise Current Density
f = 10kHz
1.3
pA/√Hz
RIN
Input Resistance
VCM = 1.5V to 3.5V
Differential
1.5
5
750
MΩ
kΩ
CIN
Input Capacitance
2pF
VCM
Input Voltage Range (High)
Guaranteed by CMRR
TA = –40°C to 85°C
l
3.5
3.5
4.1
V
V
Input Voltage Range (Low)
Guaranteed by CMRR
TA = –40°C to 85°C
l
0.9
1.5
1.5
V
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
73
71
70
82
dB
dB
dB
Channel Separation
VOUT = 1.5V to 3.5V, RL = 100Ω, LT1816/LT1817
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
81
80
79
100
dB
dB
dB
Minimum Supply Voltage
Guaranteed by PSRR
TA = –40°C to 85°C
l
2.5
4
4
V
V
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
1.0
0.7
0.6
2
V/mV
V/mV
V/mV
VOUT = 1.5V to 3.5V, RL = 100Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
0.7
0.5
0.4
1.5
V/mV
V/mV
V/mV
VOUT
Maximum Output Swing (High)
RL = 500Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
3.9
3.8
3.7
4.2
V
V
V
RL = 100Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
3.7
3.6
3.5
4V
V
V
VOUT
Maximum Output Swing (Low)
RL = 500Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
0.8
1.1
1.2
1.3
V
V
V
RL = 100Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
1
1.3
1.4
1.5
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com