Electronic Components Datasheet Search
  English  ▼

X  

LT1816 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1816
Description  Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1816 Datasheet(HTML) 3 Page - Linear Technology

  LT1816 Datasheet HTML 1Page - Linear Technology LT1816 Datasheet HTML 2Page - Linear Technology LT1816 Datasheet HTML 3Page - Linear Technology LT1816 Datasheet HTML 4Page - Linear Technology LT1816 Datasheet HTML 5Page - Linear Technology LT1816 Datasheet HTML 6Page - Linear Technology LT1816 Datasheet HTML 7Page - Linear Technology LT1816 Datasheet HTML 8Page - Linear Technology LT1816 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1815/LT1816/LT1817
3
181567fb
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
0.2
1.5
2.0
3.0
mV
mV
mV
Input Offset Voltage
(Low Power Mode) (Note 10)
LT1815S6/LT1816A, 40kΩ Between ISET and V–
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
27
9
10
mV
mV
mV
ΔVOS
ΔT
Input Offset Voltage Drift
TA = 0°C to 70°C (Note 7)
TA = –40°C to 85°C (Note 7)
l
l
10
10
15
30
μV/°C
μV/°C
IOS
Input Offset Current
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
60
800
1000
1200
nA
nA
nA
IB
Input Bias Current
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
–2
±8
±10
±12
μA
μA
μA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 8). VS = ±5V, VCM = 0V, unless otherwise noted. For the
programmable current option (LT1815S6 or LT1816A), the ISET pin must be connected to V– through 75Ω or less, unless
otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LT1815CS5#PBF
LT1815CS5#TRPBF
LTUP
5-Lead Plastic TSOT-23
0°C to 70°C
LT1815IS5#PBF
LT1815IS5#TRPBF
LTVC
5-Lead Plastic TSOT-23
–40°C to 85°C
LT1815CS6#PBF
LT1815CS6#TRPBF
LTUL
6-Lead Plastic TSOT-23
0°C to 70°C
LT1815IS6#PBF
LT1815IS6#TRPBF
LTVD
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1815CS8#PBF
LT1815CS8#TRPBF
1815
8-Lead Plastic SO
0°C to 70°C
LT1815IS8#PBF
LT1815IS8#TRPBF
1815I
8-Lead Plastic SO
–40°C to 85°C
LT1816CDD#PBF
LT1816CDD#TRPBF
LAAR
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LT1816IDD#PBF
LT1816IDD#TRPBF
LAAR
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 150°C
LT1816CMS8#PBF
LT1816CMS8#TRPBF
LTWA
8-Lead Plastic MSOP
0°C to 70°C
LT1816IMS8#PBF
LT1816IMS8#TRPBF
LTNQ
8-Lead Plastic MSOP
–40°C to 85°C
LT1816ACMS#PBF
LT1816ACMS#TRPBF
LTYA
10-Lead Plastic MSOP
0°C to 70°C
LT1816AIMS#PBF
LT1816AIMS#TRPBF
LTXX
10-Lead Plastic MSOP
–40°C to 85°C
LT1816CS8#PBF
LT1816CS8#TRPBF
1816
8-Lead Plastic SO
0°C to 70°C
LT1816IS8#PBF
LT1816IS8#TRPBF
1816I
8-Lead Plastic SO
–40°C to 85°C
LT1817CGN#PBF
LT1817CGN#TRPBF
1817
16-Lead Plastic SSOP
0°C to 70°C
LT1817IGN#PBF
LT1817IGN#TRPBF
1817I
16-Lead Plastic SSOP
–40°C to 85°C
LT1817CS#PBF
LT1817CS#TRPBF
LT1817CS
14-Lead Plastic SO
0°C to 70°C
LT1817IS#PBF
LT1817IS#TRPBF
LT1817IS
14-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com