Electronic Components Datasheet Search
  English  ▼

X  

LTC1292DI Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1292DI
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292DI Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1292DI Datasheet HTML 9Page - Linear Technology LTC1292DI Datasheet HTML 10Page - Linear Technology LTC1292DI Datasheet HTML 11Page - Linear Technology LTC1292DI Datasheet HTML 12Page - Linear Technology LTC1292DI Datasheet HTML 13Page - Linear Technology LTC1292DI Datasheet HTML 14Page - Linear Technology LTC1292DI Datasheet HTML 15Page - Linear Technology LTC1292DI Datasheet HTML 16Page - Linear Technology LTC1292DI Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1292/LTC1297
S
APPLICATI
I FOR ATIO
Figure 6. Several LTC1292/LTC1297s Sharing One 2-Wire Serial Interface
LTC1292
LTC1297
2 CHANNELS
2 CHANNELS
2 CHANNELS
CS
CS
CS
2
2
2
2
2-WIRE SERIAL
INTERFACE TO OTHER
PERIPHERALS OR
LTC1292/LTC1297s
2
10
OUTPUT PORT
SERIAL DATA
MPU
LTC1292
LTC1297
LTC1292
LTC1297
LTC1292/7 F06
Figure 7. Example Ground Plane
for the LTC1292/LTC1297
1
2
3
4
5
6
7
8
22µF
TANTALUM
VCC
LTC1292/7 F07
LTC1292
LTC1297
0.1µF
CS
VCC
HORIZONTAL: 10
µs/DIV
minimum and the VCC supply should have a low output
impedance such as obtained from a voltage regulator
(e.g., LT323A). For high frequency bypassing a 0.1
µF
ceramic disk placed in parallel with the 22
µF is
recommended. Again the leads should be kept to a
minimum. Figures 8 and 9 show the effects of good and
poor VCC bypassing.
Analog Inputs
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1292/
LTC1297 have capacitive switching input current spikes.
These current spikes settle quickly and do not cause a
problem. If large source resistances are used or if slow
settling op amps drive the inputs, take care to insure that
the transients caused by the current spikes settle completely
before the conversion begins.
use a PC board. The ground pin (Pin 4) should be tied
directly to the ground plane with minimum lead length (a
low profile socket is fine). Figure 7 shows an example of
an ideal LTC1292/LTC1297 ground plane design for a two-
sided board. Of course this much ground plane will not
always be possible, but users should strive to get as close
to this ideal as possible.
Bypassing
For good performance, VCC must be free of noise and
ripple. Any changes in the VCC voltage with respect to
ground during a conversion cycle can induce errors or
noise in the output code. VCC noise and ripple can be kept
below 0.5mV by bypassing the VCC pin directly to the
analog ground plane with a minimum of 22
µF tantalum
capacitor and with leads as short as possible. The lead
from the device to the VCC supply also should be kept to a
HORIZONTAL: 10
µs/DIV
Figure 8. Poor VCC Bypassing. Noise and
Ripple Can Cause A/D Errors
Figure 9. Good VCC Bypassing Keeps
Noise and Ripple on VCC Below 1mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com