Electronic Components Datasheet Search
  English  ▼

X  

LTC1292DI Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1292DI
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292DI Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1292DI Datasheet HTML 13Page - Linear Technology LTC1292DI Datasheet HTML 14Page - Linear Technology LTC1292DI Datasheet HTML 15Page - Linear Technology LTC1292DI Datasheet HTML 16Page - Linear Technology LTC1292DI Datasheet HTML 17Page - Linear Technology LTC1292DI Datasheet HTML 18Page - Linear Technology LTC1292DI Datasheet HTML 19Page - Linear Technology LTC1292DI Datasheet HTML 20Page - Linear Technology LTC1292DI Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1292/LTC1297
RC Input Filtering
It is possible to filter the inputs with an RC network as
shown in Figure 15. For large values of CF (e.g., 1µF) the
capacitive input switching currents are averaged into a net
DC current. A filter should be chosen with a small resistor
and large capacitor to prevent DC drops across the resistor.
The magnitude of the DC current is approximately IDC =
100pF
× VIN/tCYC and is roughly proportional to VIN. When
running the LTC1292(LTC1297) at the minimum cycle
time of 16.5
µs (20µs), the input current equals 30µA
(25
µA) at VIN = 5V. Here a filter resistor of 4Ω (5Ω) will
cause 0.1LSB of full scale error. If a large filter resistor
must be used, errors can be reduced by increasing the
cycle time as shown in the typical performance
characteristics curve Maximum Filter Resistor vs Cycle
Time.
Figure 15. RC Input Filtering
curve of S&H Acquisition Time vs Source Resistance). The
input voltage is sampled during the tSMPL time as shown
in Figure 11. The sampling interval begins at the rising
edge of CS for the LTC1292, and at the falling edge of CS
for the LTC1297, and continues until the falling edge of the
CLK before the conversion begins. On this falling edge the
S&H goes into the hold mode and the conversion begins.
Differential Input
With a differential input the A/D no longer converts a single
voltage but converts the difference between two voltages.
The voltage on the +IN pin is sampled and held and can be
rapidly time-varying as in single-ended mode. The voltage
on the –IN pin must remain constant and be free of noise
and ripple throughout the conversion time. Otherwise the
differencing operation will not be done accurately. The
conversion time is 12 CLK cycles. Therefore a change in
the –IN input voltage during this interval can cause
conversion errors. For a sinusoidal voltage on the –IN
input this error would be:
Vf
V
f
ERROR MAX
IN PEAK
CLK
(
)
(– )
=
()


2
12
π
Where f(–IN) is the frequency of the –IN input voltage,
VPEAK is its peak amplitude and fCLK is the frequency of the
CLK. Usually VERROR will not be significant. For a 60Hz
signal on the –IN input to generate a 0.25LSB error
(300
µV) with the converter running at CLK = 1MHz, its
peak value would have to be 66mV. Rearranging the above
equation the maximum sinusoidal signal that can be
digitized to a given accuracy is given as:
f
V
V
f
IN MAX
ERROR MAX
PEAK
CLK
(– )
()
=
π




2
12
For 0.25LSB error (300
µV) the maximum input sinusoid
with a 5V peak amplitude that can be digitized is 0.8Hz.
Reference Input
The voltage on the reference input of the LTC1292/
LTC1297 determine the voltage span of the A/D con-
verter. The reference input has transient capacitive
switching currents due to the switched-capacitor con-
Input Leakage Current
Input leakage currents also can create errors if the source
resistance gets too large. For example, the maximum input
leakage specification of 1
µA (at 125°C) flowing through a
source resistance of 1k will cause a voltage drop of 1mV
or 0.8LSB. This error will be much reduced at lower
temperatures because leakage drops rapidly (see typical
performance characteristics curve Input Channel Leakage
Current vs Temperature).
SAMPLE-AND-HOLD
Single-Ended Input
The LTC1292/LTC1297 provide a built-in sample-and-
hold (S&H) function on the +IN input for signals acquired
in the single-ended mode (–IN pin grounded). The sample-
and-hold allows the LTC1292/LTC1297 to convert rapidly
varying signals (see typical performance characteristics
RFILTER
CFILTER
LTC1292/7 F15
LTC1292
LTC1297
“+”
“–”
IDC
VIN
S
APPLICATI
I FOR ATIO
1292/7 E1
1292/7 E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com