Electronic Components Datasheet Search
  English  ▼

X  

LTC1292DI Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1292DI
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292DI Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1292DI Datasheet HTML 16Page - Linear Technology LTC1292DI Datasheet HTML 17Page - Linear Technology LTC1292DI Datasheet HTML 18Page - Linear Technology LTC1292DI Datasheet HTML 19Page - Linear Technology LTC1292DI Datasheet HTML 20Page - Linear Technology LTC1292DI Datasheet HTML 21Page - Linear Technology LTC1292DI Datasheet HTML 22Page - Linear Technology LTC1292DI Datasheet HTML 23Page - Linear Technology LTC1292DI Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
LTC1292/LTC1297
S
APPLICATI
I FOR ATIO
Opto-Isolated Temperature Monitor
Amplification of sensor outputs is often required to
generate a signal large enough to be properly digitized.
For example, a J-type thermocouple provides only
52
µV/°C. The 5µV offset of the LTC1050 chopper op
amp generates less than 0.1
°C error (Figure 31). Cold
junction compensation is provided by the LT1025A.
(For more detail see LTC Design Note 5).
In the opto-isolated interface two signals are generated
from one. This allows a two-wire interface to the
LTC1292. A long high signal (>1ms) on the CLK IN input
allows the 0.1
µF capacitor to discharge taking CS high.
This resets the A/D for the next conversion. When CLK
IN starts toggling, CS goes low and stays there until the
next extended CLK IN high time. See Figure 30.
5V/DIV
A
CLK IN
CS
DATA OUT
20
µs/DIV
+
1 F
TYPE J
J
R
GND
LT1025A
VIN
H
2
2
3
–
+
LTC1050
7
4
6
µ
0.33 F
µ
178k
0.1%
3.4k
0.1%
2k
0.1%
47
Ω
+
1 F
µ
GND
LTC1292
VCC
–IN
+IN
CS
CLK
DOUT
VREF
+
4.7 F
µ
3
Ω
+
0.1 F
µ
10k
1N4148
8
7
6
5
1
2
3
4
+
22 F
µ
LT1019-2.5
500k
1
2
1k
CLK IN
3
4
500k
3
4
5k
DATA
OUT
1
2
6
1k
4N28s
1N4148
0°C – 500°C TEMPERATURE RANGE
ISOLATED
5V
4
5
+
–
A
6
100k
74C14
5V
5V
5k
LTC1292/7 F31
1N4148
Figure 31. Opto-Isolated Temperature Monitor
Figure 30. Opto-Isolated Temperature
Monitor Digital Waveforms
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com