Electronic Components Datasheet Search
  English  ▼

X  

LTC1292DI Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1292DI
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292DI Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1292DI Datasheet HTML 16Page - Linear Technology LTC1292DI Datasheet HTML 17Page - Linear Technology LTC1292DI Datasheet HTML 18Page - Linear Technology LTC1292DI Datasheet HTML 19Page - Linear Technology LTC1292DI Datasheet HTML 20Page - Linear Technology LTC1292DI Datasheet HTML 21Page - Linear Technology LTC1292DI Datasheet HTML 22Page - Linear Technology LTC1292DI Datasheet HTML 23Page - Linear Technology LTC1292DI Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1292/LTC1297
S
APPLICATI
I FOR ATIO
Figure 20a. fIN = 1kHz, fS = 58.8kHz, SNR = 73.0dB
Figure 20b. fIN = 28kHz, fS = 58.8kHz, SNR = 61.5dB
Figure 21. LTC1292 ENOB vs Input Frequency
Figure 22. fIN1 = 5.1kHz, fIN2 = 5.6kHz, fS = 58.8kHz
Overvoltage Protection
Applying signals to the LTC1292/LTC1297’s analog
inputs that exceed the positive supply or that go below
ground will degrade the accuracy of the A/D and possi-
bly damage the devices. For example this condition
would occur if a signal is applied to the analog inputs
before power is applied to the LTC1292/LTC1297. An-
other example is the input source is operating from
different supplies of larger value than the LTC1292/
LTC1297. These conditions should be prevented either
with proper supply sequencing or by use of external
circuitry to clamp or current limit the input source.
There are two ways to protect the inputs. In Figure 23
diode clamps from the inputs to VCC and GND are used.
The second method is to put resistors in series with the
analog inputs for current limiting. Limit the current to
15mA per channel. The +IN input can accept a resistor
value of 1k but the –IN input cannot accept more than
250
Ω when clocked at its maximum clock frequency of
1MHz. If the LTC1292/LTC1297 are clocked at the
maximum clock frequency and 250
Ω is not enough to
current limit the input source, then the clamp diodes are
recommended (Figures 24a and 24b). The reason for
the limit on the resistor value is that the MSB bit test is
affected by the value of the resistor placed at the –IN
input (see discussion on Analog Inputs and the typical
performance characteristics Maximum CLK Frequency
vs Source Resistance).
FREQUENCY (kHz)
0
–60
–40
–20
15
25
LTC1292/7 F20a
–80
–100
510
20
30
–120
–140
0
FREQUENCY (kHz)
0
–60
–40
–20
15
25
LTC1292/7 F22
–80
–100
510
20
30
–120
–140
0
FREQUENCY (kHz)
0
–60
–40
–20
15
25
LTC1292/7 F20b
–80
–100
510
20
30
–120
–140
0
FREQUENCY (kHz)
0
9.5
10.0
10.5
60
100
LT1292/7 F21
9.0
8.5
8.0
20
40
80
11.0
11.5
12.0
fS = 58.8kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com