Electronic Components Datasheet Search
  English  ▼

X  

LTC1292DI Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1292DI
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292DI Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1292DI Datasheet HTML 16Page - Linear Technology LTC1292DI Datasheet HTML 17Page - Linear Technology LTC1292DI Datasheet HTML 18Page - Linear Technology LTC1292DI Datasheet HTML 19Page - Linear Technology LTC1292DI Datasheet HTML 20Page - Linear Technology LTC1292DI Datasheet HTML 21Page - Linear Technology LTC1292DI Datasheet HTML 22Page - Linear Technology LTC1292DI Datasheet HTML 23Page - Linear Technology LTC1292DI Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1292/LTC1297
S
APPLICATI
I FOR ATIO
LSB
(B0)
LSB-FIRST DATA
(B1)
MSB
(B11)
NULL
BIT
VERTICAL: 5V/DIV
HORIZONTAL: 2
µs/DIV
CLK
CS
D
OUT
A “Quick Look” Circuit for the LTC1297
A circuit similar to the one used for the LTC1292 can be
used for the LTC1297(Figure 28). A one shot has been
generated with NAND gates, a resistor and capacitor to
satisfy the setup time tsuCS. This can be eliminated if a
slower clock is used. When CS goes low the one shot is
triggered. This turns off the clock to the LTC1297 for a
fixed time to meet tsuCS. Once the clock starts DOUT is
shifted out one bit at a time. CS is driven at 1/64 the
clock rate by the 74HC393. The output data from the
DOUT pin can be viewed on an oscilloscope that is set to
trigger on the falling edge of CS. See Figure 29.
CS
CLK
D
OUT
NULL
BIT
MSB
(B11)
LSB-FIRST DATA
(B1)
LSB
(B0)
VERTICAL: 5V/DIV
HORIZONTAL: 5
µs/DIV
Figure 29. Scope Trace of the LTC1297 “Quick Look”
Circuit Showing A/D Output 101010101010 (AAAHEX)
Figure 27. Scope Trace of the LTC1292 “Quick Look”
Circuit Showing A/D Output 101010101010 (AAAHEX)
Figure 28. “Quick Look” Circuit for the LTC1297
TO OSCILLOSCOPE
LTC1292/7 F28
0.1µF
VIN
f/64
5V
340
Ω
22µF
TANTALUM
VCC
CLK
DOUT
VREF
CS
+IN
–IN
GND
LTC1297
74HC393
A1
CLR1
1QA
1QB
1QC
1QD
GND
VCC
A2
CLR2
2QA
2QB
2QC
2QD
f
0.02
µF
CLOCK IN 1MHz
A “Quick Look” Circuit for the LTC1292
Users can get a quick look at the function and timing of
the LTC1292 by using the “Quick Look” circuit in Figure
26. VREF is tied to VCC. VIN is applied to the +IN input
and the –IN input is tied to the ground plane. CS is driven
at 1/32 the clock rate by the CD4520 and DOUT outputs
the data. The output data from the DOUT pin can be
viewed on an oscilloscope that is set up to trigger on the
falling edge of CS (Figure 27). Note the LSB data is
partially clocked out before CS goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com