Electronic Components Datasheet Search
  English  ▼

X  

LTC1292DI Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1292DI
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292DI Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1292DI Datasheet HTML 11Page - Linear Technology LTC1292DI Datasheet HTML 12Page - Linear Technology LTC1292DI Datasheet HTML 13Page - Linear Technology LTC1292DI Datasheet HTML 14Page - Linear Technology LTC1292DI Datasheet HTML 15Page - Linear Technology LTC1292DI Datasheet HTML 16Page - Linear Technology LTC1292DI Datasheet HTML 17Page - Linear Technology LTC1292DI Datasheet HTML 18Page - Linear Technology LTC1292DI Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1292/LTC1297
S
APPLICATI
I FOR ATIO
Figure 11b. Setup Time (tsuCS) Is Met for the LTC1292
Figure 11c. Setup Time (tsuCS) Is Not Met for the LTC1292
tsuCS. With the minimum possible sample time of 6µs,
RSOURCE+ < 5k and C1 < 20pF will provide adequate
settling time. In general for both the LTC1292 and LTC1297
keep the product of the total resistance and the total
capacitance less than tSMPL/9. If this condition can not be
met, then make C1 > 0.47
µF (see RC Input Filtering
section).
“–” Input Settling
At the end of the sample phase the input capacitor switches
to the “–” input and the conversion starts (see Figures 11a,
11b, 11c and 12). During the conversion, the “+” input
voltage is effectively “held” by the sample-and-hold and
will not affect the conversion result. It is critical that the
DOUT
CLK
B11
HI-Z
B9
B10
LTC1292/7 F11b
CS
1ST BIT TEST (–) INPUT MUST
SETTLE DURING THIS TIME
tWHCS
tSMPL
(+) INPUT MUST SETTLE DURING THIS TIME
(+) INPUT
(–) INPUT
DOUT
CLK
B11
HI-Z
B10
LTC1292/7 F11c
CS
1ST BIT TEST (–) INPUT MUST
SETTLE DURING THIS TIME
tWHCS
tSMPL
(+) INPUT MUST SETTLE DURING THIS TIME
(+) INPUT
(–) INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com