Electronic Components Datasheet Search
  English  ▼

X  

LTC1292DI Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1292DI
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292DI Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1292DI Datasheet HTML 2Page - Linear Technology LTC1292DI Datasheet HTML 3Page - Linear Technology LTC1292DI Datasheet HTML 4Page - Linear Technology LTC1292DI Datasheet HTML 5Page - Linear Technology LTC1292DI Datasheet HTML 6Page - Linear Technology LTC1292DI Datasheet HTML 7Page - Linear Technology LTC1292DI Datasheet HTML 8Page - Linear Technology LTC1292DI Datasheet HTML 9Page - Linear Technology LTC1292DI Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1292/LTC1297
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
100
0.2
0.4
0.6
0.8
1.0
1k
10k
100k
LTC1292/7G13
0
VCC = 5V
VREF = 5V
CLK = 1MHz
RSOURCE– (Ω)
+
–
+IN
–IN
+VIN
RSOURCE
Maximum Filter Resistor vs
Cycle Time
PI FU CTIO S
#
PIN
FUNCTION
DESCRIPTION
1
CS
Chip Select Input
A logic low on this input enables the LTC1292/LTC1297. Power shutdown is activated on the LTC1297 when
CS is brought high.
2, 3
+IN, –IN
Analog Inputs
These inputs must be free of noise with respect to GND.
4
GND
Analog Ground
GND should be tied directly to an analog ground plane.
5VREF
Reference Input
The reference input defines the span of the A/D converter and must be kept free of noise with respect to GND.
6DOUT
Digital Data Output
The A/D conversion result is shifted out of this output.
7
CLK
Shift Clock
This clock synchronizes the serial data transfer.
8VCC
Positive Supply
This supply must be kept free of noise and ripple by bypassing directly to the analog ground plane.
* MAXIMUM CLK FREQUENCY REPRESENTS THE
CLK FREQUENCY AT WHICH A 0.1LSB SHIFT IN
THE ERROR AT ANY CODE TRANSITION FROM ITS
1MHz VALUE IS FIRST DETECTED.
** MAXIMUM RFILTER REPRESENTS THE FILTER
RESISTOR VALUE AT WHICH A 0.1LSB CHANGE IN
FULL SCALE ERROR FROM ITS VALUE AT
RFILTER = 0Ω IS FIRST DETECTED.
CYCLE TIME (µs)
10
100
1k
10k
10
1k
10k
LTC1292/7 G14
1
100
+
–
+VIN
CFILTER ≥1µF
RFILTER
Maximum Clock Rate vs
Source Resistance
RSOURCE+ (Ω)
100
1
10
100
1000
10000
LTC1292/7 G15
+
–
+VIN
RSOURCE
VREF = 5V
VCC = 5V
TA = 25°C
0V TO 5V INPUT STEP
Sample-and-Hold Acquisition
Time vs Source Resistance
Input Channel Leakage Current vs
Temperature
AMBIENT TEMPERATURE (°C)
–50
0
100
300
400
500
1000
700
–10
30
50
130
LTC1292/7 G16
200
800
900
600
–30
10
70
90 110
ON CHANNEL
OFF CHANNEL
GUARANTEED
Noise Error vs Reference Voltage
REFERENCE VOLTAGE (V)
0
0
0.25
0.75
1.00
1.25
2
4
5
2.25
0.50
13
1.50
1.75
2.00
LTC1292/7 G17
LTC1292/LTC1297
NOISE = 200µVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com