Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1562
Description  Very Low Noise, Low Distortion Active RC Quad Universal Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1562 Datasheet HTML 9Page - Linear Technology LTC1562 Datasheet HTML 10Page - Linear Technology LTC1562 Datasheet HTML 11Page - Linear Technology LTC1562 Datasheet HTML 12Page - Linear Technology LTC1562 Datasheet HTML 13Page - Linear Technology LTC1562 Datasheet HTML 14Page - Linear Technology LTC1562 Datasheet HTML 15Page - Linear Technology LTC1562 Datasheet HTML 16Page - Linear Technology LTC1562 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC1562
TYPICAL APPLICATIONS (Basic)
Quad 3rd Order Butterworth Lowpass Filter, Gain = – 1
Quad 3rd Order
Butterworth
f –3dB
f –3dB
f –3dB
f –3dB
f –3dB
f –3dB
f –3dB
Lowpass Filters
20kHz
40kHz
60kHz
80kHz
100kHz
120kHz
140kHz
CIN
220pF
1000pF
1000pF
1000pF
1000pF
1000pF
1000pF
RINA
44.2k
4.32k
3.16k
2.43k
1.96k
1.87k
1.69k
RINB
205k
57.6k
24.3k
13.0k
8.06k
5.11k
3.4k
RQ
249k
61.9k
27.4k
15.4k
10.0k
6.98k
5.11k
R2
249k
61.9k
27.4k
15.4k
10.0k
6.98k
5.11k
All four sections have identical RINA, RINB and CIN values. All resistor values are ±1%
FREQUENCY (Hz)
10k
10
0
–10
–20
–30
–40
–50
–60
100k
1M
1562 TA05b
f–3dB = 100kHz
1
2
3
5
6
8
9
10
20
19
18
16
15
13
12
11
INV B
V1 B
V2 B
V+
SHDN
V2 A
V1 A
INV A
INV C
V1 C
V2 C
V–
AGND
V2 D
V1 D
INV D
LTC1562
RIN1B
RIN1A
RIN3A
VIN1
VIN3
CIN1
VIN2
1562 TA05a
VOUT2
VOUT3
VOUT4
VOUT1
RIN3B
–5V
5V
RQ1
R21
R23
0.1
µF
0.1
µF
RQ3
R24
RQ4
RQ2
R22
CIN2
CIN3
RIN2B
RIN2A
VIN4
CIN4
RIN4B
RIN4A
SCHEMATIC INCLUDES PIN NUMBERS FOR 20-PIN PACKAGE.
PINS 4, 7, 14, 17 (NOT SHOWN) ALSO CONNECT TO V –
Amplitude Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com