Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1562
Description  Very Low Noise, Low Distortion Active RC Quad Universal Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1562 Datasheet HTML 20Page - Linear Technology LTC1562 Datasheet HTML 21Page - Linear Technology LTC1562 Datasheet HTML 22Page - Linear Technology LTC1562 Datasheet HTML 23Page - Linear Technology LTC1562 Datasheet HTML 24Page - Linear Technology LTC1562 Datasheet HTML 25Page - Linear Technology LTC1562 Datasheet HTML 26Page - Linear Technology LTC1562 Datasheet HTML 27Page - Linear Technology LTC1562 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC1562
TYPICAL APPLICATIONS (Advanced)
RQ1 95.3k
RQ3 392k
RIN1B
69.8k
RIN1A
140k
VIN
RQ2 182k
RIN3
536k
CIN3
27pF
CIN2 33pF
RIN2 249k
RIN4 301k
CIN4 56pF
RQ4 66.5k
R22 226k
R24 649k
0.1
µF
VOUT
V +
V –
V –
TO
PIN 10
R21 324k
R23 196k
LTC1562
INVB
V1B
V2B
V+
SHDN
V2A
V1A
INVA
20
19
18
16
15
13
12
11
INVC
V1C
V2C
V –
AGND
V2D
V1D
INVD
1
2
3
5
6
8
9
10
0.1
µF
CIN1
390pF
1562 F14a
SCHEMATIC INCLUDES PIN NUMBERS FOR 20-PIN PACKAGE.
PINS 4, 7, 14, 17 (NOT SHOWN) ALSO CONNECT TO V –
9th Order 22kHz Lowpass Elliptic Filter
FREQUENCY (kHz)
5
–90
–70
–50
–30
–10
0
–80
–60
–40
–20
10
50
1562 TA14b
10
Amplitude Response
FREQUENCY (kHz)
1
–90
–80
–70
–60
–50
10
20
1562 TA14c
–40
–85
–75
–65
–55
–45
VIN = 1.65VRMS = 4.6VP-P
VS = ±5V
Noise + THD vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com