Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1562
Description  Very Low Noise, Low Distortion Active RC Quad Universal Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1562 Datasheet HTML 17Page - Linear Technology LTC1562 Datasheet HTML 18Page - Linear Technology LTC1562 Datasheet HTML 19Page - Linear Technology LTC1562 Datasheet HTML 20Page - Linear Technology LTC1562 Datasheet HTML 21Page - Linear Technology LTC1562 Datasheet HTML 22Page - Linear Technology LTC1562 Datasheet HTML 23Page - Linear Technology LTC1562 Datasheet HTML 24Page - Linear Technology LTC1562 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC1562
APPLICATIONS INFORMATION
Note that the depth of the notch depends on the accuracy
of this resistor ratioing. The virtual-ground summing
point in Figure 11 may be from an op amp as shown, or in
a practical cascaded filter, the INV input of another Opera-
tional Filter block. The transfer function in Figure 11 with
CIN1 = 0 is a “pure” notch (fN = f0) of the HBR(s) form above,
and the parameters are:
ƒ= ƒ
=
NO
N
GAIN
FF
H
R
R 2
Because fN = f0 in this case, the gain magnitude both at DC
and at high frequencies (f >> fN) is the same, HN (assuming
that the op amp in Figure 11 adds no significant frequency
response). Figure 12 shows this. Such a notch is ineffi-
cient as a cascaded part of a highpass, lowpass or bandpass
filter (the most common uses for notches). Variations of
Figure 11 can add a highpass or lowpass shape to the
notch, without using more Operational Filter blocks. The
key to doing so is to decouple the notch frequency fN from
the center frequency f0 of the Operational Filter (this is
shown in Figures 13 and 15). The next two sections
summarize two variations of Figure 11 with this highpass/
lowpass shaping, and the remaining section shows a
different approach to building notches.
Feedforward Notches for fN > f0
When CIN1 ≠ 0 in Figure 11, the notch frequency fN is above
the center frequency f0 and the response has a lowpass
shape as well as a notch (Figure 13). CIN1 contributes
phase lead, which increases the notch frequency above
the center frequency of the 2nd order Operational Filter
section. The resistor constraint from the previous section
also applies here and the HBR(s) parameters become:
ƒ= ƒ
=


ƒ
ƒ
NO
IN
IN
Q
N
GAIN
FF
O
N
RC
RC
H
R
R
1
1
11
1
2
2
2
–
C is the internal capacitor value in the Operational Filter (in
the LTC1562, 159pF).
The configuration of Figure 11 is most useful for a stopband
notch in a lowpass filter or as an upper stopband notch in
a bandpass filter, since the two resistors RIN2 and RFF2 can
replace the input resistor RIN of either a lowpass section
(Figure 5) or a resistor-input bandpass section (Figure 6a)
built from a second Operational Filter. The configuration is
Figure 12. Notch Response with fN = fO
FREQUENCY (kHz)
10
–60
–40
–20
20
100
1000
1562 F13
0
fO = 100kHz
fN = 200kHz
Q = 1
DC GAIN = 0dB
fN
2
fO
2
DC GAIN = HN
()
HIGH FREQ
GAIN = HN
FREQUENCY (kHz)
10
–100
–40
–20
0
100
1000
AN54 • TA18
–60
–80
fN = fO = 100kHz
HN = 1
Q = 1
Figure 13. Notch Response with fN > fO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com