Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1562
Description  Very Low Noise, Low Distortion Active RC Quad Universal Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1562 Datasheet HTML 18Page - Linear Technology LTC1562 Datasheet HTML 19Page - Linear Technology LTC1562 Datasheet HTML 20Page - Linear Technology LTC1562 Datasheet HTML 21Page - Linear Technology LTC1562 Datasheet HTML 22Page - Linear Technology LTC1562 Datasheet HTML 23Page - Linear Technology LTC1562 Datasheet HTML 24Page - Linear Technology LTC1562 Datasheet HTML 25Page - Linear Technology LTC1562 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1562
APPLICATIONS INFORMATION
robust against tolerances in the CIN1 value when fN ap-
proaches f0 (for fN/f0 ≤ 1.4, as a rule of thumb) which is
attractive in narrow transition-band filters, because of the
relative cost of high accuracy capacitors. Further applica-
tion details appear in Part 1 of the series of articles.1
Feedforward Notches for fN < f0
Just as feedforward around an inverting bandpass section
yields a notch at the section’s f0 (Figure 11 with CIN1 = 0),
feedforward around an inverting lowpass section causes
a notch at zero frequency (which is to say, a highpass
response). Moreover, and this is what makes it useful,
introducing a capacitor for phase lead moves the notch
frequency up from DC, exactly as CIN1 in Figure 11 moves
the notch frequency up from the center frequency f0. In
Figure 14, the inverting lowpass output (V2) of the Opera-
tional Filter is summed, at a virtual ground, with a fed-
forward input signal. Capacitor CIN1 shifts the resulting
notch frequency, fN, up from zero, giving a low frequency
notch with a highpass shape (Figure 15). The HBR(s)
response parameters are now:
ƒ= ƒ






=
NO
QININ
N
GAIN
FF
R
R
C
C
R
R
H
R
R
1
121
11
1
2
–
The constraint required for exact cancellation of the two
paths (i.e., for infinite notch depth) becomes:
R
R
RC
RC
IN
FF
QIN
2
2
11
1
=
R1 and C are the internal precision components (in the
LTC1562, 10k and 159pF respectively) as described above
in Setting f0 and Q.
The configuration of Figure 14 is most useful as a lower
stopband notch in a bandpass filter, because the resistors
RIN2 and RFF2 can replace the input resistor RIN of a
bandpass section made from a second Operational Filter,
as in Figure 6a. The configuration is robust against toler-
ances in the CIN1 value when fN approaches f0 (for f0/fN ≤
1.4, as a rule of thumb) which is attractive in narrow
transition-band filters, because of the relative cost of high
accuracy capacitors. Further application details appear in
Part 2 of the series of articles.1
FREQUENCY (Hz)
10k
–60
–40
–20
20
100k
1M
1562 F15
0
fO = 100kHz
fN = 50kHz
Q = 1
HIGH FREQ GAIN = 0dB
fN
2
fO
2
DC GAIN = HN
()
HIGH FREQ
GAIN = HN
Figure 15. Notch Response with fN < f0
Figure 14. Feedforward Notch Configuration for fN < fO
INV
V1
2nd ORDER
1/4 LTC1562
V2
R21
RQ1
RIN1
RIN2
RGAIN
IO
RFF2
CIN1
VIN
VOUT
1562 F14
VIRTUAL
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com