Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1562
Description  Very Low Noise, Low Distortion Active RC Quad Universal Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1562 Datasheet HTML 20Page - Linear Technology LTC1562 Datasheet HTML 21Page - Linear Technology LTC1562 Datasheet HTML 22Page - Linear Technology LTC1562 Datasheet HTML 23Page - Linear Technology LTC1562 Datasheet HTML 24Page - Linear Technology LTC1562 Datasheet HTML 25Page - Linear Technology LTC1562 Datasheet HTML 26Page - Linear Technology LTC1562 Datasheet HTML 27Page - Linear Technology LTC1562 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1562
1562f LT/TP 0199 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATION
Amplitude Response
FREQUENCY (kHz)
1
–80
–20
0
20
10
100
300
1562 TA16b
–40
–60
fC = 64kHz
fC = 16kHz
fC = 32kHz
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1068, LTC1068-X
Quad 2-Pole Switched Capacitor Building Block Family
Clock-Tuned
LTC1560-1
5-Pole Elliptic Lowpass, fC = 1MHz/0.5MHz
No External Components, SO8
LTC1562-2
Quad 2-Pole Active RC, 20kHz to 300kHz
Same Pinout as the LTC1562
fC (Hz)
RIN1 = RIN3
R21 = R23
RQ1 = RQ3
RIN2 = RIN4
R22 = R24
RQ2 = RQ4
16k
105k
105k
34k
340k
340k
34k
32k
26.1k
26.1k
16.9k
84.5k
84.5k
16.9k
64k
8.45k
6.49k
8.45k
16.2k
21k
8.45k
1V/DIV
10
µs/DIV
1562 TA16c
Dual 4th Order 12dB Gaussian Lowpass Filter
1
2
3
5
6
8
9
10
20
19
18
16
15
13
12
11
INV B
V1 B
V2 B
V+
SHDN
V2 A
V1 A
INV A
INV C
V1 C
V2 C
V–
AGND
V2 D
V1 D
INV D
LTC1562
RIN2
RIN4
RIN1
VIN2
VIN1
SCHEMATIC INCLUDES PIN NUMBERS FOR 20-PIN PACKAGE.
PINS 4, 7, 14, 17 (NOT SHOWN) ALSO CONNECT TO V –
VOUT1
1562 TA16a
VOUT2
RIN3
5V
RQ1
R21
R23
0.1
µF
1
µF
RQ3
R24
RQ4
RQ2
R22
4-Level Eye Diagram
fC = 16kHz, Data Clock = 32kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com