Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1562
Description  Very Low Noise, Low Distortion Active RC Quad Universal Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1562 Datasheet HTML 12Page - Linear Technology LTC1562 Datasheet HTML 13Page - Linear Technology LTC1562 Datasheet HTML 14Page - Linear Technology LTC1562 Datasheet HTML 15Page - Linear Technology LTC1562 Datasheet HTML 16Page - Linear Technology LTC1562 Datasheet HTML 17Page - Linear Technology LTC1562 Datasheet HTML 18Page - Linear Technology LTC1562 Datasheet HTML 19Page - Linear Technology LTC1562 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1562
(Basic)
TYPICAL APPLICATIONS
Amplitude Response
8th Order Bandpass Filter, Single 5V Supply,
– 3dB Bandwidth =
Center Frequency
10
R21 = R23 = 10.6k
Quick Design Formulas for Center Frequency fC (Recommended Range 40kHz to 140kHz):
2
100kHz
ƒ
C
RQ1 = RQ3 = 164.6k
100kHz
ƒ
C
100kHz
ƒ
C + 319kHz
RQ2 = RQ4 = 143.2k
RIN2 = RIN4 =
100kHz
ƒ
C + 294kHz
100kHz
ƒ
C + 286kHz
R22 = R24 = 9.7k
100kHz
ƒ
C
100kHz
ƒ
C
CIN1 = CIN3 = 159pF
2
10k
RQ1
R22RQ1CIN1
(10k)(10.6pF)
Notes: RQ1, R22 and CIN1 should be rounded to the nearest standard finite-tolerance value before using these
values in the later formulas.
Example: Center frequency fC of 80kHz. The formulas give R21 = R23 = 16.56k, nearest standard 1% value 16.5k.
RQ1 = RQ3 = 51.56k, nearest 1% value 51.1k. R22 = R24 = 15.15k, nearest 1% value 15k. RQ2 = RQ4 = 47.86k,
nearest 1% value 47.5k. CIN1 = CIN2 = 31.11pF using 51.1k for RQ1, nearest standard 5% capacitor value 33pF.
This and the 1% value R22 = 15k also go into the calculation for RIN2 = RIN4 = 65.20k, nearest 1% value 64.9k.
1562 TA07 TABLE
1
2
3
5
6
8
9
10
20
19
18
16
15
13
12
11
INV B
V1 B
V2 B
V+
SHDN
V2 A
V1 A
INV A
INV C
V1 C
V2 C
V–
AGND
V2 D
V1 D
INV D
LTC1562
RIN2
RIN4
VIN
VOUT
1562 TA07a
5V
RQ1
R21
R23
0.1
µF
1
µF
RQ3
CIN3
CIN1
R24
RQ4
RQ2
R22
SCHEMATIC INCLUDES PIN NUMBERS FOR 20-PIN PACKAGE.
PINS 4, 7, 14, 17 (NOT SHOWN) ALSO CONNECT TO V –
FREQUENCY (kHz)
40
–30
–10
10
104
1562 TA07b
–50
–70
–40
–20
0
–60
–80
–90
56
72
88
48
112
64
80
96
120
fCENTER = 80kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com